전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

06XS3517 데이터시트(PDF) 21 Page - Freescale Semiconductor, Inc

부품명 06XS3517
상세설명  Smart High Side Switch Module
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

06XS3517 데이터시트(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 06XS3517 Datasheet HTML 17Page - Freescale Semiconductor, Inc 06XS3517 Datasheet HTML 18Page - Freescale Semiconductor, Inc 06XS3517 Datasheet HTML 19Page - Freescale Semiconductor, Inc 06XS3517 Datasheet HTML 20Page - Freescale Semiconductor, Inc 06XS3517 Datasheet HTML 21Page - Freescale Semiconductor, Inc 06XS3517 Datasheet HTML 22Page - Freescale Semiconductor, Inc 06XS3517 Datasheet HTML 23Page - Freescale Semiconductor, Inc 06XS3517 Datasheet HTML 24Page - Freescale Semiconductor, Inc 06XS3517 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
21
06XS3517
FUNCTIONAL DEVICE OPERATION
OPERATION MODES
FUNCTIONAL DEVICE OPERATION
OPERATION MODES
SLEEP MODE
The Sleep mode is the default mode of the 06XS3517.
This is the state of the device after first applying battery
voltage (VBAT) and prior to any I/O transitions. This is also the
state of the device when IGN, FOG, FLASHER, and RSTB
are logic [0] (wake=0). In the Sleep mode, the outputs and all
internal circuitry are OFF to minimize current draw. In
addition, all SPI-configurable features of the device are reset.
The 06XS3517 will transit to two modes (Normal and Fail)
depending on wake and fail signals (see Fig13).
The transition to the other modes is according following
signals:
• Wake = IGN or IGN_ON or FLASHER or
FLASHER_ON or RSTB or FOG or FOG_ON
• Fail = VCC fail or SPI fail or External limp
NORMAL MODE
The 06XS3517 is in Normal mode when:
• Wake = 1
• Fail = 0
In Normal operating mode the power outputs are under full
control of the SPI as follows:
• The outputs 1 to 6, including multiphase timing and
selectable slew-rate, are controlled by the
programmable PWM module.
• The outputs 1 to 5 are switched OFF in case of an
under-voltage on VBAT.
• The outputs 1 to 5 are protected by the selectable over-
current double window and over-temperature shutdown
circuit.
• The digital diagnosis feature transfers status of the
smart outputs via SPI.
• The analog current sense output (current recopy
feature) can be routed by SPI.
• The outputs 1 and 5 can be configured to control LED
loads.
• The SPI reports NM=1 in this mode.
The figure below describes the PWM, outputs and over-
current behavior in Normal mode.
FAIL MODE
The 06XS3517 is in Fail mode when:
• Wake = 1
• Fail = 1.
In Fail mode:
• The outputs are under control of external pins (see
Table 6)
• The outputs are fully protected in case of an overload,
over-temperature and under-voltage (on VBAT or on
VCC).
• The SPI reports continuously the content of address 11
(Initialization register), regardless previously requested
output data word.
• Analog current sense is not available.
• Output 2 is configured in Xenon mode.
• In case of an overload (OCHI2 or OCLO) conditions or
under-voltage on VBAT, the outputs are under control
of autorestart feature.
• In case of serious overload condition (OCHI1 or OT) the
corresponding output is latched OFF until a new wake-
up event (wake=0 then 1).
Table 6. Output States During Limp Home
Over-current
Output
D0-D6 bits
D7 bit
Over-current
OUT[1,2]
IGN (external)
IGN_ON
1.4 sec min
Output 1
Parking Light
Output 2
Low Beam
Output 3
High Beam
Output 4
Fog Light
Output 5
Flasher
External Switch
Spare
IGN Pin
IGN Pin
OFF
FOG Pin
FLASHER Pin
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com