전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

06XS3517 데이터시트(PDF) 13 Page - Freescale Semiconductor, Inc

부품명 06XS3517
상세설명  Smart High Side Switch Module
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

06XS3517 데이터시트(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 06XS3517 Datasheet HTML 9Page - Freescale Semiconductor, Inc 06XS3517 Datasheet HTML 10Page - Freescale Semiconductor, Inc 06XS3517 Datasheet HTML 11Page - Freescale Semiconductor, Inc 06XS3517 Datasheet HTML 12Page - Freescale Semiconductor, Inc 06XS3517 Datasheet HTML 13Page - Freescale Semiconductor, Inc 06XS3517 Datasheet HTML 14Page - Freescale Semiconductor, Inc 06XS3517 Datasheet HTML 15Page - Freescale Semiconductor, Inc 06XS3517 Datasheet HTML 16Page - Freescale Semiconductor, Inc 06XS3517 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
06XS3517
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions 3.0 V
 V
CC  5.5 V, 7.0 V  VBAT  20 V, - 40 C  T
A  125 C, GND = 0 V, unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER OUTPUTS TIMING (OUT1 TO OUT5)
Current Sense Valid Time (valid for resistive loads only),(37)
SR bit = 0
SR bit = 1
tCSNS(VAL)
0
0
100
50
200
100
s
Current Sense Settling Time on Resistive Load Only(37)
tCSNS(SET)
–
10
30
s
Current Sense Synchronization signal - typical validation time
SR bit = 0
SR bit = 1
tSYNC(val)
0
0
90
45
180
90
Driver Output Positive Slew Rate (30% to 70% @ VBAT = 14 V)
SR bit = 0
IOUT = 2.8 A for OUT1 and OUT5
IOUT = 5.5 A for OUT2, OUT3, and OUT4
SR bit = 1
IOUT =0.7 A for OUT1 and OUT5
IOUT = 1.4 A for OUT2, OUT3, and OUT4
SRR
0.14
0.2
0.28
0.4
0.4
0.4
0.8
0.8
0.8
0.8
1.6
1.6
V/
s
Driver Output Negative Slew Rate (70% to 30% @ VBAT = 14 V)
SR bit = 0
IOUT = 2.8 A for OUT1 and OUT5
IOUT = 5.5 A for OUT2, OUT3, and OUT4
SR bit = 1
IOUT = 0.7 A for OUT1 and OUT5
IOUT = 1.4 A for OUT2, OUT3, and OUT4
SRF
0.14
0.2
0.28
0.4
0.4
0.4
0.8
0.8
0.8
0.8
1.6
1.6
V/
s
Driver Output Matching Slew Rate (SRR /SRF) (70% to 30% @ VBAT = 14 V
@25 °C)
SR bit = 0: IOUT = 2.8 A for OUT1 and OUT5 and IOUT = 5.5 A for OUT2/3/4
SR bit = 1: IOUT = 0.7 A for OUT1 and OUT5 and IOUT = 1.4 A for OUT2/3/4
SR
0.8
0.8
1.0
1.0
1.2
1.2
Driver Output Turn-ON Delay (SPI ON Command [No PWM, CS Positive
Edge] to Output = 50% VBAT @ VBAT = 14 V) (see Figure 6)
SR bit = 0: IOUT = 2.8 A for OUT1 and OUT5 and IOUT = 5.5 A for OUT2/3/4
SR bit = 1: IOUT = 0.7 A for OUT1 and OUT5 and IOUT = 1.4 A for OUT2/3/4
tDLYON
65
35
–
–
300
120
s
Driver Output Turn-OFF Delay (SPI OFF command [CS Positive Edge] to
Output = 50% VBAT @ VBAT = 14 V) (see Figure 6)
SR bit = 0: IOUT = 2.8 A for OUT1 and OUT5 and IOUT = 5.5 A for OUT2/3/4
SR bit = 1: IOUT = 0.7 A for OUT1 and OUT5 and IOUT = 1.4 A for OUT2/3/4
tDLYOFF
40
15
–
–
110
80
s
Notes
37.
Not production tested. See Figure 7, Current Sensing Time Delays.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com