| 전자부품 데이터시트 검색엔진 |
|
SL74HC161 데이터시트(PDF) 7 Page - System Logic Semiconductor |
|
|
|||||||||||||||||||||||||||||
SL74HC161 데이터시트(HTML) 7 Page - System Logic Semiconductor |
|
7 / 9 page ![]() SL74HC161 System Logic Semiconductor SLS VCC=Pin 16 GND=Pin 8 The flip-flops shown in the circuit diagrams are Toggle-Enable flip-flops. A Toggle-Enable flip-flop is a combination of a D flip-flop and a T flip-flop. When loading data from Preset inputs P0, P1, P2, and P3, the Load signal is used to disable the Toggle input (Tn) of the flip-flop. The logic level at the Pn input is then clocked to the Q output of the flip-flop on the next rising edge of the clock. A logic zero on the Reset device input forces the internal clock (C) high and resets the Q output of the flip- flop low. Figure 7.Expanded logic diagram |