| 전자부품 데이터시트 검색엔진 |
|
SW38-2G 데이터시트(PDF) 97 Page - Aavid, Thermal Division of Boyd Corporation |
|
|
|||||||||||||||||||||||||||||
SW38-2G 데이터시트(HTML) 97 Page - Aavid, Thermal Division of Boyd Corporation |
|
97 / 116 page ![]() 97 EUROPE ASIA Italy Tel: +39 051 764011 email: sales.it@aavid.com United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg Taiwan Tel: +886 (2) 2698-9888 email: sales@aavid.com.tw AMERICA USA Tel: +1 (603) 224-9988 email: info@aavid.com www.aavidthermalloy.com Aavid Kool-Klips TM Clips These one piece stainless steel clips eliminate the need for screws, lock washers and nuts in the assembly process, there- fore reducing assembly time and cost. These can be bought separately, or found in the 11th or 12th position when deci- phering an Aavid Standard product. Please reference Indexes to see which clips are popular with which product offering. Part number Transistor case style Ordering code 115000F00000G TO-220, TO-218 50 115100F00000G TO-220, TO-218 51 115200F00000G TO-220, TO-218 52 115300F00000G TO-220, TO-218 53 115400F00000G TO-220 54 116200F00000G TO-220, TO-218 62 5901G TO-220, TO-218, TO-247 Sold separately only 6801G TO-220, TO-218, TO-247 Sold separately only 7701G TO-220 Sold separately only 6.60 (0.260) 25.65 (1.010) 7.62 (0.300) 13.84 (0.545) 12.06 (0.475) 3.18 (0.125) 7.92 (0.312) 5.97 (0.235) 10.92 (0.430) 14.22 (0.560) 30.61 (1.205) 8.69 (0.342) 6.60 (0.260) 12.70 (0.500) 30.60 (1.205) 8.70 (0.342) 12.70 (0.500) 6.60 (0.260) 39.10 (1.540) 13.50 (0.530) 6.60 (0.260) 115000F00000G Code 50 115100F00000G Code 51 115200F00000G Code 52 115300F00000G Code 53 115400F00000G Code 54 116200F00000G Code 62 530101B000 _ _ G Ordering code ORDERING INFORMATION To order clips seperately use part number below. To order a clip as an option use ordering code. 37.08 (1.460) 7.24 (0.285) 3.99 (0.157) 5901G 6801G 37.10 (1.461) 14.25 (0.561) 7.54 (0.297) 4.75 (0.187) 16.00 (0.630) 11.00 (0.433) 6.60 (0.260) 7701G example 12 digit part |