| 전자부품 데이터시트 검색엔진 |
|
SN8P1602AP 데이터시트(PDF) 13 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SN8P1602AP 데이터시트(HTML) 13 Page - SONiX Technology Company |
|
13 / 94 page ![]() SN8P1600 8-bit micro-controller SONiX TECHNOLOGY CO., LTD Page 13 Revision 1.94 PIN DESCRIPTIONS SN8P1602/1603 PIN NAME TYPE DESCRIPTION VDD, VSS P Power supply input pins. Place the 0.1µF bypass capacitor between the VDD and VSS pin. VPP/RST I System reset pin. Schmitt trigger structure, low active, normal stay to “high”. XIN I External oscillator input pin. RC mode input pin. XOUT/P1.4 I/O External oscillator output pin. In RC mode is P1.4 I/O. P0.0 / INT0 I Input / Interrupt (Schmitt trigger) / Wakeup function. P1.0 ~ P1.4 I/O Bi-direction pins with sleep mode wakeup function. P2.0 ~ P2.7 I/O Bi-direction pins. Notice : The SN8P1602/3 do not have the pull-up resistor in the input port. The user must use the external pull-up resistor. SN8P1604 PIN NAME TYPE DESCRIPTION VDD, VSS P Power supply input pins. Place the 0.1µF bypass capacitor between the VDD and VSS pin. VPP/VDD P OTP programming pin. Keep connect to VDD during normal mode. RST I System reset pin. Schmitt trigger structure, low active, normal stay to “high”. XIN I External oscillator input pin. RC mode input pin. XOUT/Fcpu I/O External oscillator output pin. RC Mode as the Fcpu output P0.0/INT0 I Input / Interrupt (Schmitt trigger) / Wakeup function / Built-in pull-up resisters. P0.1 I Input / Wakeup function. / Built-in pull-up resister. P1.0 ~ P1.7 I/O Bi-direction pins with sleep mode Wakeup function. Built-in pull-up resisters. P2.0 ~ P2.7 I/O Bi-direction pins / Built-in pull-up resisters. P5.0 ~ P5.3 I/O Bi-direction pin, P5.3 as TC1 output for PWM and Buzzer function/Built-in pull-up resisters. |