전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN8P1602AP 데이터시트(PDF) 56 Page - SONiX Technology Company

부품명 SN8P1602AP
상세설명  8-Bit Micro-Controller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONIX [SONiX Technology Company]
홈페이지  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1602AP 데이터시트(HTML) 56 Page - SONiX Technology Company

Back Button SN8P1602AP Datasheet HTML 52Page - SONiX Technology Company SN8P1602AP Datasheet HTML 53Page - SONiX Technology Company SN8P1602AP Datasheet HTML 54Page - SONiX Technology Company SN8P1602AP Datasheet HTML 55Page - SONiX Technology Company SN8P1602AP Datasheet HTML 56Page - SONiX Technology Company SN8P1602AP Datasheet HTML 57Page - SONiX Technology Company SN8P1602AP Datasheet HTML 58Page - SONiX Technology Company SN8P1602AP Datasheet HTML 59Page - SONiX Technology Company SN8P1602AP Datasheet HTML 60Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 94 page
background image
SN8P1600
8-bit micro-controller
SONiX TECHNOLOGY CO., LTD
Page 56
Revision 1.94
TIMER1 (TC1) (SN8P1604 Only)
OVERVIEW
The timer counter 1 (TC1) is used to generate an interrupt request when a specified time interval has elapsed. TC1
has a auto re-loadable counter that consists of two parts: an 8-bit reload register (TC1R) into which you write the
counter reference value, and an 8-bit counter register (TC1C) whose value is automatically incremented by counter
logic.
The main purposes of the TC1 timer is as following.
8-bit programmable timer: Generates interrupts at specific time intervals based on the selected clock
frequency.
Arbitrary frequency output (Buzzer output): Outputs selectable clock frequencies to the BZ1 pin (P5.3).
PWM function: PWM output can be generated by the PWM1OUT bit and output to PWM1 pin (P5.3).
CPUM0
TC1R reload
data buffer
TC1enb
TC1C
8-bit binary counter
TC1 Time out
load
Aload1
Auto. reload
P5.3
÷2
TC1out
Internal P5.3 I/O circuit
S
R
Compare
PWM1OUT
PWM
Buzzer
÷2(8-TC1Rate)
fcpu
CPUM0
TC1R reload
data buffer
TC1enb
TC1C
8-bit binary counter
TC1 Time out
load
Aload1
Auto. reload
P5.3
÷2
TC1out
Internal P5.3 I/O circuit
S
R
Compare
PWM1OUT
PWM
Buzzer
÷2(8-TC1Rate)
fcpu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94