전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM723H/883 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 LM723H/883
상세설명  LM723QML Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM723H/883 데이터시트(HTML) 2 Page - Texas Instruments

  LM723H/883 Datasheet HTML 1Page - Texas Instruments LM723H/883 Datasheet HTML 2Page - Texas Instruments LM723H/883 Datasheet HTML 3Page - Texas Instruments LM723H/883 Datasheet HTML 4Page - Texas Instruments LM723H/883 Datasheet HTML 5Page - Texas Instruments LM723H/883 Datasheet HTML 6Page - Texas Instruments LM723H/883 Datasheet HTML 7Page - Texas Instruments LM723H/883 Datasheet HTML 8Page - Texas Instruments LM723H/883 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LM723QML
Voltage Regulator
General Description
The LM723 is a voltage regulator designed primarily for
series regulator applications. By itself, it will supply output
currents up to 150 mA; but external transistors can be added
to provide any desired load current. The circuit features
extremely low standby current drain, and provision is made
for either linear or foldback current limiting.
The LM723 is also useful in a wide range of other applica-
tions such as a shunt regulator, a current regulator or a
temperature controller.
Features
n
150 mA output current without external pass transistor
n
Output currents in excess of 10A possible by adding
external transistors
n
Input voltage 40V max
n
Output voltage adjustable from 2V to 37V
n
Can be used as either a linear or a switching regulator
Ordering Information
NS PART NUMBER
SMD PART NUMBER
NS PACKAGE NUMBER
PACKAGE DISCRIPTION
LM723E/883
E20A
20LD LEADLESS CHIP CARRIER
LM723H/883
H10C
10LD T0–100, METAL CAN
LM723J/883
J14A
14LD CERDIP
Connection Diagrams
Dual-In-Line Package
Metal Can Package
20120402
Top View
See NS Package J14A
20120403
Note: Pin 5 connected to case.
Top View
See NS Package H10C
20120420
Top View
See NS Package E20A
February 2005
© 2005 National Semiconductor Corporation
DS201204
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20