| 전자부품 데이터시트 검색엔진 |
|
LM723H/883 데이터시트(PDF) 4 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM723H/883 데이터시트(HTML) 4 Page - Texas Instruments |
|
4 / 20 page ![]() Absolute Maximum Ratings (Note 1) Pulse Voltage from V + to V − (50 ms) 50V Continuous Voltage from V + to V− 40V Input-Output Voltage Differential 40V Maximum Amplifier Input Voltage Either Input Differential 8.5V 5V Current from V Z 25 mA Current from V REF 15 mA Internal Power Dissipation Metal Can (Note 2) 800 mW Cavity DIP (Note 2) 900 mW LCC (Note 2) 900 mW Operating Temperature Range −55˚C ≤ T A ≤ +125˚C Maximum T J +150˚C Storage Temperature Range −65˚C ≤ T A ≤ +150˚C Lead Temperature (Soldering, 4 sec. max.) 300˚C Thermal Resistance θ JA Cerdip (Still Air) 100˚C/W Cerdip (500LF/ Min Air flow) 61˚C/W Metal Can (Still Air) 156˚C/W Metal Can (500LF/ Min Air flow) 89˚C/W LCC (Still Air) 96˚C/W LCC (500LF/ Min Air flow) 70˚C/W θ JC CERDIP Metal Can LCC 22˚C/W 37˚C/W 27˚C/W ESD Tolerance (Note 3) 500V Quality Conformance Inspection MIL-STD-883, Method 5005 — Group A Subgroup Description Temp ( ˚C) 1 Static tests at +25 2 Static tests at +125 3 Static tests at -55 4 Dynamic tests at +25 5 Dynamic tests at +125 6 Dynamic tests at -55 7 Functional tests at +25 8A Functional tests at +125 8B Functional tests at -55 9 Switching tests at +25 10 Switching tests at +125 11 Switching tests at -55 www.national.com 3 |