| 전자부품 데이터시트 검색엔진 |
|
MFRC63002R 데이터시트(PDF) 65 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MFRC63002R 데이터시트(HTML) 65 Page - NXP Semiconductors |
|
65 / 118 page ![]() MFRC630 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet COMPANY PUBLIC Rev. 3.1 — 6 September 2012 227531 65 of 118 NXP Semiconductors MFRC630 Contactless reader IC 9.6.3 RxBitCtrl Receiver control register. Table 61. Status register (address 0Bh) Bit 7 6 5 4 3 2 1 0 Symbol - - Crypto1On - - ComState Access rights RFURFU dy RFURFU r Table 62. Status bits Bit Symbol Description 7to 6 - RFU 5 Crypto1On Indicates if the MIFARE Crypto is on. Clearing this bit is switching the MIFARE Crypto off. The bit can only be set by the MFAuthent command. 4to3 - RFU 2 to 0 ComState ComState shows the status of the transmitter and receiver state machine: 000b ... Idle 001b ... TxWait 011b ... Transmitting 101b ... RxWait 110b ... Wait for data 111b ... Receiving 100b ... not used Table 63. RxBitCtrl register (address 0Ch); Bit 7 6 5 4 3 2 1 0 Symbol ValuesAfterColl RxAlign NoColl RxLastBits Access rights r/w r/w r/w w Table 64. RxBitCtrl bits Bit Symbol Description 7 ValuesAfter Coll If cleared, every received bit after a collision is replaced by a zero. This function is needed for ISO/IEC14443 anticollision |