전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL70002SEHF/PROTO 데이터시트(PDF) 13 Page - Intersil Corporation

부품명 ISL70002SEHF/PROTO
상세설명  Rad Hard and SEE Hard 12A Synchronous Buck Regulator with Multi-Phase Current Sharing
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL70002SEHF/PROTO 데이터시트(HTML) 13 Page - Intersil Corporation

Back Button ISL70002SEHF/PROTO Datasheet HTML 9Page - Intersil Corporation ISL70002SEHF/PROTO Datasheet HTML 10Page - Intersil Corporation ISL70002SEHF/PROTO Datasheet HTML 11Page - Intersil Corporation ISL70002SEHF/PROTO Datasheet HTML 12Page - Intersil Corporation ISL70002SEHF/PROTO Datasheet HTML 13Page - Intersil Corporation ISL70002SEHF/PROTO Datasheet HTML 14Page - Intersil Corporation ISL70002SEHF/PROTO Datasheet HTML 15Page - Intersil Corporation ISL70002SEHF/PROTO Datasheet HTML 16Page - Intersil Corporation ISL70002SEHF/PROTO Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
ISL70002SEH
13
FN8264.1
April 5, 2012
FIGURE 11. LX ON-RESISTANCE, ALL POWER BLOCKS IN PARALLEL, VIN = 3V
Typical Performance Curves (Continued)
0
5
10
15
20
25
30
-55
-35
-15
5
25
45
65
85
105 125
TEMPERATURE (°C)
NFET
PFET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com