전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL70002SEHF/PROTO 데이터시트(PDF) 21 Page - Intersil Corporation

부품명 ISL70002SEHF/PROTO
상세설명  Rad Hard and SEE Hard 12A Synchronous Buck Regulator with Multi-Phase Current Sharing
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL70002SEHF/PROTO 데이터시트(HTML) 21 Page - Intersil Corporation

Back Button ISL70002SEHF/PROTO Datasheet HTML 15Page - Intersil Corporation ISL70002SEHF/PROTO Datasheet HTML 16Page - Intersil Corporation ISL70002SEHF/PROTO Datasheet HTML 17Page - Intersil Corporation ISL70002SEHF/PROTO Datasheet HTML 18Page - Intersil Corporation ISL70002SEHF/PROTO Datasheet HTML 19Page - Intersil Corporation ISL70002SEHF/PROTO Datasheet HTML 20Page - Intersil Corporation ISL70002SEHF/PROTO Datasheet HTML 21Page - Intersil Corporation ISL70002SEHF/PROTO Datasheet HTML 22Page - Intersil Corporation ISL70002SEHF/PROTO Datasheet HTML 23Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
ISL70002SEH
21
FN8264.1
April 5, 2012
PGND5
40
6115
4784
254
254
3
LX5
41
6967
4996
254
254
3
PVIN5
42
7853
5226
254
254
3
PVIN4
43
7853
5595
254
254
3
LX4
44
6967
5825
254
254
3
PGND4
45
6115
6037
254
254
3
PGND3
46
7853
7855
254
254
3
LX3
47
6967
7625
254
254
3
PVIN3
48
6115
7413
254
254
3
PVIN2
49
5723
7855
254
254
3
LX2
50
5494
6969
254
254
3
PGND2
51
5281
6117
254
254
3
PGND1
52
3905
6117
254
254
3
LX1
53
3693
6969
254
254
3
PVIN1
54
3463
7855
254
254
3
SC0
55
2836
7914
135
135
1.5
SC1
56
2476
7914
135
135
1.5
EN
57
2116
7914
135
135
1.5
OCSSB
58
1756
7914
135
135
1.5
OCB
59
1396
7914
135
135
1.5
OCSSA
60
1036
7914
135
135
1.5
OCA
61
676
7914
135
135
1.5
REF
62
316
7914
135
135
1.5
TABLE 2. LAYOUT X-Y COORDINATES (Continued)
PAD NAME
PAD NUMBER
X
(
µm)
Y
(
µm)
dX
(
µm)
dY
(
µm)
BOND WIRES
SIZE (0.001”)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com