전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFH4233 데이터시트(PDF) 6 Page - OSRAM GmbH

부품명 SFH4233
상세설명  IR-Lumineszenzdiode (940 nm) mit hoher Ausgangsleistung
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4233 데이터시트(HTML) 6 Page - OSRAM GmbH

  SFH4233 Datasheet HTML 1Page - OSRAM GmbH SFH4233 Datasheet HTML 2Page - OSRAM GmbH SFH4233 Datasheet HTML 3Page - OSRAM GmbH SFH4233 Datasheet HTML 4Page - OSRAM GmbH SFH4233 Datasheet HTML 5Page - OSRAM GmbH SFH4233 Datasheet HTML 6Page - OSRAM GmbH SFH4233 Datasheet HTML 7Page - OSRAM GmbH SFH4233 Datasheet HTML 8Page - OSRAM GmbH SFH4233 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
2010-05-18
6
SFH 4233
Maßzeichnung
1)
Package Outlines
Korrosionsfestigkeit besser als EN 60068-2-60 (method 4):
mit erweitertem Korrosionstest: 40°C / 90%rh / 15ppm H2S / 336h
Corrosion robustness better than EN 60068-2-60 (method 4):
with enhanced corrosion test: 40°C / 90%rh / 15ppm H2S / 336h
Kathodenkennung:
Markierung
Cathode mark:
mark
Gewicht / Approx. weight:
0.2 g
Gurtung / Polarität und Lage
Verpackungseinheit 800/Rolle, ø180 mm
Method of Taping / Polarity and Orientation
Packing unit 800/reel, ø180 mm
1)
Maße in mm (inch) / Dimensions in mm (inch)
GPLY7072
6.2 (0.244)
5.8 (0.228)
1.9 (0.075)
1.7 (0.067)
Cathode
(R0.85 (0.033))
0...0.1 (0.004)
0.29 (0.011)
0.24 (0.009)
1.1 (0.043)
0.9 (0.035)
1.6 (0.063)
2.0 (0.079)
ø0.81 (0.031)
4.25 (0.167)
ø0.73 (0.028)
4.15 (0.163)
0.65 (0.026)
0.45 (0.018)
OHAY0508
1.55 (0.061)
2 (0.079)
4 (0.157)
6.35 (0.250)
8 (0.315)
0.3 (0.012)
0.3 (0.012)
1.9 (0.075)
Cathode/Collector Side



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com