전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFH7222 데이터시트(PDF) 2 Page - OSRAM GmbH

부품명 SFH7222
상세설명  GaAlAs-IR-Lumineszenzdiode (880 nm) und gr체ne GaP-LED (565 nm)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7222 데이터시트(HTML) 2 Page - OSRAM GmbH

  SFH7222 Datasheet HTML 1Page - OSRAM GmbH SFH7222 Datasheet HTML 2Page - OSRAM GmbH SFH7222 Datasheet HTML 3Page - OSRAM GmbH SFH7222 Datasheet HTML 4Page - OSRAM GmbH SFH7222 Datasheet HTML 5Page - OSRAM GmbH SFH7222 Datasheet HTML 6Page - OSRAM GmbH SFH7222 Datasheet HTML 7Page - OSRAM GmbH SFH7222 Datasheet HTML 8Page - OSRAM GmbH SFH7222 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2007-04-02
2
SFH 7222
Hinweis/Notes
Die angegebenen Grenzdaten gelten für einen Chip, wenn nicht anders angegeben.
The stated maximum ratings refer to one chip, unless otherwise specified.
Grenzwerte
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
IRED
LED
Betriebstemperatur
Operating temperature range
T
op
– 40 … + 100
– 40 … + 100
°C
Lagertemperatur
Storage temperature range
T
stg
– 40 … + 100
– 40 … + 100
°C
Sperrspannung
Reverse voltage
V
R
5
5
V
Durchlassstrom
Forward current
I
F (DC)
100
30
mA
Stoßstrom
Surge current
t
p ≤ 10 μs, D = 0
I
FSM
2.5
0.5
A
Verlustleistung
Total power dissipation
P
tot
180
100
mW
Wärmewiderstand
Thermal resistance junction/ambient
1)
R
th JA
450
500
K/W
Wärmewiderstand
Thermal resistance junction/ambient
2)
R
th JA
650
K/W
1)
nur ein Chip betrieben / only one chip on
2)
beide Chips betrieben / both chips on



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com