전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFH7222 데이터시트(PDF) 6 Page - OSRAM GmbH

부품명 SFH7222
상세설명  GaAlAs-IR-Lumineszenzdiode (880 nm) und gr체ne GaP-LED (565 nm)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7222 데이터시트(HTML) 6 Page - OSRAM GmbH

Back Button SFH7222 Datasheet HTML 2Page - OSRAM GmbH SFH7222 Datasheet HTML 3Page - OSRAM GmbH SFH7222 Datasheet HTML 4Page - OSRAM GmbH SFH7222 Datasheet HTML 5Page - OSRAM GmbH SFH7222 Datasheet HTML 6Page - OSRAM GmbH SFH7222 Datasheet HTML 7Page - OSRAM GmbH SFH7222 Datasheet HTML 8Page - OSRAM GmbH SFH7222 Datasheet HTML 9Page - OSRAM GmbH SFH7222 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SFH 7222
2007-04-02
6
LED
Forward Current
I
F = f (VF)
T
A = 25 °C
Max. Permissible Forward Current
I
F = f (TA)
Forward Voltage
V
F = f (TA)
I
F = f (TA)
10 -1
V
5
green
OHF00577
Ι
F
F
V
0
10
1
10
2
10
5
mA
1.0
1.4
1.8
2.2
2.6
3.0
3.4
1 chip on
2 chips on
mA
35
30
25
20
15
10
5
˚C
0
I
F
0
OHL00241
20
40
60
80
100
TA temp. ambient
T
green
1.4
OHF00581
V
F
˚C
A
T
0
20
40
60
80
100
1.6
1.8
2.0
2.2
V
2.4
Relative Luminous Intensity
IV / IV(10 mA) = f (IF), TA = 25 °C
Wavelength at Peak Emission
λ
peak = f (TA), IF = 10 mA
Relative Luminous Intensity
IV / IV(25 °C) = f (IF), IF = 10 mA
V
V (10 mA)
10 -1
0
10
10 12
10
mA
green
10 -3
5
OHF00578
F
Ι
5
-2
10
5
-1
10
0
10
1
10
Ι
Ι
55
green
550
OHF00579
λ
peak
˚C
A
T
0
20
40
60
80
100
570
590
610
630
650
nm
690
green
0.0
OHF00582
˚C
A
T
0
20
40
60
80
100
V
V
Ι
Ι
0.4
0.8
1.2
1.6
2.0
(25 ˚C)
Perm. Pulse Handling Capability
I
F = f (tp)
Duty cycle
D = parameter, T
A = 25 °C
Dominant Wavelength
λ
dom = f (TA), IF = 10 mA
OHL01686
s
10-5
10-4
10-3
10-2
10-1
100
101
t
D
I
T
T
P
F
tP
=
D = 0.005
0.01
0.02
0.05
0.2
0.5
DC
10 1
5
I
F
t
2
10
0.1
p
10 3
mA
green
550
OHF00580
λ
dom
˚C
A
T
0
20
40
60
80
100
570
590
610
630
650
nm
690



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com