전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1819Q 데이터시트(PDF) 7 Page - Sony Corporation

부품명 CXA1819Q
상세설명  RGB Driver for LCD
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1819Q 데이터시트(HTML) 7 Page - Sony Corporation

Back Button CXA1819Q Datasheet HTML 3Page - Sony Corporation CXA1819Q Datasheet HTML 4Page - Sony Corporation CXA1819Q Datasheet HTML 5Page - Sony Corporation CXA1819Q Datasheet HTML 6Page - Sony Corporation CXA1819Q Datasheet HTML 7Page - Sony Corporation CXA1819Q Datasheet HTML 8Page - Sony Corporation CXA1819Q Datasheet HTML 9Page - Sony Corporation CXA1819Q Datasheet HTML 10Page - Sony Corporation CXA1819Q Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
– 7 –
CXA1819Q
Pin
No.
26
PRG
This pin switches black level
and gray level output of the
SID signal. Black level is
output for 0V and gray level is
output for 5V. This pin should
normally be set to 0V.
0V∗
28
RGB
BRT
RGB signal common
brightness control.
Brightness variable range:
5 to 9.8V
29
R BRT
30
B BRT
1.6 to 5V∗
1.6 to 5V∗
R signal brightness control.
Brightness variable range
(difference with G signal):
–1.0 to +0.7V
B signal brightness control.
Brightness variable range
(difference with G signal):
–1.0 to +0.7V
27
SID BRT
SID signal black level control.
1.6 to 5V∗
1.6 to 5V∗
Symbol
Pin voltage
Equivalent circuit
Description
VCC1
GND1
100µA
2.5V
129
26
50µA
129
27
1.5k
150µA
129
400
VCC1
GND1
28
30
50µA
129
1.5k
VCC1
GND1
29
Note) ∗ in the Pin voltage indicates external applied voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com