전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1819Q 데이터시트(PDF) 1 Page - Sony Corporation

부품명 CXA1819Q
상세설명  RGB Driver for LCD
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1819Q 데이터시트(HTML) 1 Page - Sony Corporation

  CXA1819Q Datasheet HTML 1Page - Sony Corporation CXA1819Q Datasheet HTML 2Page - Sony Corporation CXA1819Q Datasheet HTML 3Page - Sony Corporation CXA1819Q Datasheet HTML 4Page - Sony Corporation CXA1819Q Datasheet HTML 5Page - Sony Corporation CXA1819Q Datasheet HTML 6Page - Sony Corporation CXA1819Q Datasheet HTML 7Page - Sony Corporation CXA1819Q Datasheet HTML 8Page - Sony Corporation CXA1819Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Description
The CXA1819Q is an RGB driver designed for
LCD panel LCX007. It supports a line alternative
RGB
drive
system.
In
addition,
three-panel
projectors
can
be
supported
by
using
three
CXA1819Q ICs.
Features
• Built-in RGB signal phase matching sample-and-
hold circuit
• Effective frequency response (horizontal resolution
of 600 TV lines achieved in combination with the
LCX007AL)
• Built-in
γ control circuit
• Built-in side black generation circuit for 4:3/16:9
aspect conversion
• Built-in VCOM voltage output circuit
Absolute Maximum Ratings
• Supply voltage
VCC
14
V
• Operating temperature
Topr
–20 to +75
°C
• Storage temperature
Tstg
–65 to +150
°C
• Allowable power dissipation
PD
600
mW
Operating Condition
Supply voltage
VCC15
V
VCC2
12.2 to 13.3
V
Structure
Bipolar silicon monolithic IC
Applications
Liquid crystal projectors
Liquid crystal viewfinders
Compact liquid crystal monitors
– 1 –
CXA1819Q
E94634A77
RGB Driver for LCD
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
48 pin QFP (Plastic)


유사한 부품 번호 - CXA1819Q

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1810 SONY-CXA1810 Datasheet
969Kb / 53P
Luminance and Color Signal Processing for 8mm VCR
CXA1810AQ SONY-CXA1810AQ Datasheet
969Kb / 53P
Luminance and Color Signal Processing for 8mm VCR
CXA1810AR SONY-CXA1810AR Datasheet
969Kb / 53P
Luminance and Color Signal Processing for 8mm VCR
CXA1812 SONY-CXA1812 Datasheet
309Kb / 22P
S-terminal Compatible Video I/O
CXA1812Q SONY-CXA1812Q Datasheet
309Kb / 22P
S-terminal Compatible Video I/O
More results

유사한 설명 - CXA1819Q

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1853AQ SONY-CXA1853AQ Datasheet
699Kb / 39P
RGB Driver for LCD
CXA1853Q SONY-CXA1853Q Datasheet
758Kb / 39P
RGB Driver for LCD
logo
Samsung semiconductor
S6B33B0A SAMSUNG-S6B33B0A Datasheet
423Kb / 76P
144 RGB Segment & 177 Common Driver For 65,536 Color STN LCD
S6D0110 SAMSUNG-S6D0110 Datasheet
595Kb / 108P
132 RGB Source & 176 Gate Driver With Internal GRAM FOR 65,536 Colors TFT-LCD
S6B33B2 SAMSUNG-S6B33B2 Datasheet
1Mb / 79P
132 RGB Segment & 162 Common Driver For 65,536 Color STN LCD
logo
Panasonic Semiconductor
AN5371NS PANASONIC-AN5371NS Datasheet
145Kb / 2P
RGB Signal Output for LCD TV
logo
Samsung semiconductor
S6B33A2 SAMSUNG-S6B33A2 Datasheet
383Kb / 67P
128 RGB Segment & 129 Common Driver For 4,096 Color STN LCD
logo
List of Unclassifed Man...
MBI6010 ETC-MBI6010 Datasheet
187Kb / 4P
3-Channel Driver for RGB LED Cluster
logo
National Semiconductor ...
LP55281 NSC-LP55281 Datasheet
1Mb / 28P
Quad RGB Driver
logo
Texas Instruments
LP55281 TI1-LP55281 Datasheet
1Mb / 35P
Quad RGB Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com