전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLAS191A 데이터시트(PDF) 31 Page - Texas Instruments

부품명 SLAS191A
상세설명  Starter Kit Evaluation Kit Manual
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SLAS191A 데이터시트(HTML) 31 Page - Texas Instruments

Back Button SLAS191A Datasheet HTML 27Page - Texas Instruments SLAS191A Datasheet HTML 28Page - Texas Instruments SLAS191A Datasheet HTML 29Page - Texas Instruments SLAS191A Datasheet HTML 30Page - Texas Instruments SLAS191A Datasheet HTML 31Page - Texas Instruments SLAS191A Datasheet HTML 32Page - Texas Instruments SLAS191A Datasheet HTML 33Page - Texas Instruments SLAS191A Datasheet HTML 34Page - Texas Instruments SLAS191A Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 86 page
background image
1–25
Set a breakpoint at address 025Eh, and single step through the program. A longer reaction time can be
expected for any step beyond address 025Eh. At this time, the CPU is off and waiting for the Basic Timer
interrupt.
NOTE:
Only two breakpoints may be set at any one time.
>step
>executed _PC_ _SP_ _SR_
reg 0000 : 0268 03de 0008 0000 f48c 0000 6ed4 10df
reg 0008 : 0c62 409e 0000 ffd0 2051 0e14 28ac f84e
>step
>executed _PC_ _SP_ _SR_
reg 0000 : 026a 03de 0008 0000 f48c 0000 6ed4 10df
reg 0008 : 0c62 409e 0000 ffd0 2051 0e14 28ac f84e
>step
>executed _PC_ _SP_ _SR_
reg 0000 : 0270 03de 0008 0000 f48c 0000 6ed4 10df
reg 0008 : 0c62 409e 0000 ffd0 2051 0e14 28ac f84e
>step
>executed _PC_ _SP_ _SR_
reg 0000 : 025e 03de 0008 0000 f48c 0000 6ed4 10df
reg 0008 : 0c62 409e 0000 ffd0 2051 0e14 28ac f84e
>step
>executed _PC_ _SP_ _SR_
reg 0000 : 0262 03de 0008 0000 f48c 0000 6ed4 10df
reg 0008 : 0c62 409e 0000 ffd0 2051 0e14 28ac f84e
>
Figure 1–21. Terminal | Interrupt
1.3
Loading a Program Into the EPROM Via the Terminal
After debugging, the program is ready to load. The program is loaded to the EPROM for the EVK, or ROM
for the STK. The STK requires a programming voltage. The EVK requires a jumper between pins 13 and
14 of the programming connector. Figure 1–22 show the locations for the programming voltage and the
connector jumper.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86