전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLAS191A 데이터시트(PDF) 53 Page - Texas Instruments

부품명 SLAS191A
상세설명  Starter Kit Evaluation Kit Manual
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SLAS191A 데이터시트(HTML) 53 Page - Texas Instruments

Back Button SLAS191A Datasheet HTML 49Page - Texas Instruments SLAS191A Datasheet HTML 50Page - Texas Instruments SLAS191A Datasheet HTML 51Page - Texas Instruments SLAS191A Datasheet HTML 52Page - Texas Instruments SLAS191A Datasheet HTML 53Page - Texas Instruments SLAS191A Datasheet HTML 54Page - Texas Instruments SLAS191A Datasheet HTML 55Page - Texas Instruments SLAS191A Datasheet HTML 56Page - Texas Instruments SLAS191A Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 86 page
background image
2–17
The address of the two breakpoints should not be identical. Only two breakpoints are supported, a third
breakpoint cannot be set. In order to set another breakpoint, one breakpoint has to be cleared first with the
c command. Figure 2–17 shows the breakpoint after entry.
To set a breakpoint type s
Enter the location of the breakpoint: 24e <ENTER>
>init
MSP–STK430A320
>Set Bkpt 0000 0000 24e
>Set Bkpt 024e 0000
Press <ESC> here
Figure 2–17. Set a Breakpoint Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86