전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R262 데이터시트(PDF) 13 Page - ON Semiconductor

부품명 R262
상세설명  Wideband Voice Capture and Noise Reduction Solution
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

R262 데이터시트(HTML) 13 Page - ON Semiconductor

Back Button R262 Datasheet HTML 9Page - ON Semiconductor R262 Datasheet HTML 10Page - ON Semiconductor R262 Datasheet HTML 11Page - ON Semiconductor R262 Datasheet HTML 12Page - ON Semiconductor R262 Datasheet HTML 13Page - ON Semiconductor R262 Datasheet HTML 14Page - ON Semiconductor R262 Datasheet HTML 15Page - ON Semiconductor R262 Datasheet HTML 16Page - ON Semiconductor R262 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
BelaSigna R262
http://onsemi.com
13
Advanced Speech and Noise Management
System
BelaSigna R262 contains an advanced noise reduction
algorithm inside its ROM memory which preserves voice
quality while significantly reducing background noise. The
algorithm identifies and enhances human speech. Many
two−microphone algorithms depend on beamforming and
rely on the speech originating from a specific direction. As
a result, the performance of these algorithms can vary
greatly depending on the location of the speech and the noise
relative to the microphones, and typically will distort the
speech as well as the noise. Other algorithms that depend on a
speech−facing microphone and a noise−facing microphone
can require a lot of algorithm tuning for reasonable
performance. BelaSigna R262 is different as it is a true 360
°
self−adaptive multi−beamformer that distorts neither speech
nor noise. It applies attenuation or gain based on intelligent
classification of signals, resulting in a signal where the noise
is attenuated, and the speech is enhanced. The attenuated
noise is left as natural as possible so other downstream
processing is still effective. At the same time it performs
de−reverberation of the received signals. The solution is
ideal for any voice capture device requiring consistent
performance in noisy environments. Unlike other purely
directional solutions, BelaSigna R262 will not drop your
voice when you change orientation of the handheld device.
The algorithm works with two forward−facing microphones
spaced 10 to 30 mm apart (typically), and no tuning or
matching of microphones is required. The speech source can
come from any direction (normally in front of the
microphones), as long as it is within the working sphere of
the current algorithm mode. The algorithm mode is set based
on the required talking distance (distance between the mouth
reference point and the microphones), with noise reduction
performance decreasing as talk distance increases.
BelaSigna R262 can be set to perform maximum noise
reduction with a talk distance of 5 to 10 cm, mild noise
reduction with improved voice pickup at up to 5 m away, or
anywhere in between.
The noise reduction algorithm built into BelaSigna R262
can provide two processed outputs, each with different
tuning or operating parameters, which can serve two
different use cases simultaneously. An unlimited number of
use cases can be obtained by configuring BelaSigna R262,
where the user can easily select the appropriate distance
between the device’s microphones and the user’s mouth.
Any two of these use cases can be selected to the output
stage, allowing the target application to simultaneously
support use cases with mouth−to−microphone distances
varying between 5 cm and 5 m.
For additional details on the configuration of the
algorithm, please refer to BelaSigna R262 Communications
and Configuration Guide.
Algorithm Performance
BelaSigna R262 offers three main algorithm modes; the
close−talk mode aggressively filters noise and manages gain
to pick up speech within 5 to 10 cm from the microphone
array. The algorithm is not sensitive to handset holding style
in any mode, including close−talk mode. The near−talk
mode can effectively pick up speech within 0.5 m to 1 m
from the microphone array, an intermediate situation
between far−talk and close−talk modes. This is suitable for
capturing speech when using the device at arm’s length. The
far−talk mode detects and enhances speech from a distance,
but removes less overall environmental noise compared to
close−talk mode. Far−talk mode is suitable for recording
lectures or processing conference calls on speakerphone. In
addition to these three main modes (close, near and far),
BelaSigna R262 features a mixing capability, which allows
the selection of any two of these three main modes combined
through a mixing ratio to create any intermediate mode,
allowing manufacturers to fine tune the algorithm based on
the microphone−to−user distance on the target device.
A selection of performance metrics are shown in Table 7
for some input signal−to−noise ratios and noise types.
Signal−to−Noise Ratio Improvement (SNR−I) was
measured according to the ITU−T G.160 standard, with
BelaSigna R262 operating on reference hardware, in
conjunction with common omni−directional microphones
(ECMs) positioned 11 mm away from each other. To verify
that subjective quality was maintained through the noise
management process, a Perceptual Enhancement of Speech
Quality (PESQ) measurement was also taken for each
condition. PESQ improvement correlates to MOS
improvement, the widely−accepted subjective standard in
voice quality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com