전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R262 데이터시트(PDF) 21 Page - ON Semiconductor

부품명 R262
상세설명  Wideband Voice Capture and Noise Reduction Solution
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

R262 데이터시트(HTML) 21 Page - ON Semiconductor

Back Button R262 Datasheet HTML 17Page - ON Semiconductor R262 Datasheet HTML 18Page - ON Semiconductor R262 Datasheet HTML 19Page - ON Semiconductor R262 Datasheet HTML 20Page - ON Semiconductor R262 Datasheet HTML 21Page - ON Semiconductor R262 Datasheet HTML 22Page - ON Semiconductor R262 Datasheet HTML 23Page - ON Semiconductor R262 Datasheet HTML 24Page - ON Semiconductor R262 Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
BelaSigna R262
http://onsemi.com
21
Figure 10. Input Stage
ADC0
To IOP
ADC1
Line
out
Decimation
Filter
MIC0
AI1/LOUT1
Line
out
To IOP
Digital
Analog
Input Stage
Channel 0
M
U
X
MIC2
AI3/VMIC/LOUT0
M
U
X
Input Stage
Channel 1
Decimation
Filter
PA0
LPF0
PA1
LPF1
Output Stage
At all times, the application will produce two output
channels. The content of each channel is determined by the
hardware configuration.
The amplitude of both output channels can be controlled
by I2C commands, independently from the actual output
stage configuration that was selected. A first parameter
controls gain in 6 dB steps. A second parameter is a variable
for fine gain adjustment. With these two parameters, a great
level of flexibility is achieved to match the output level
requirements of the target device, independently for each of
the two output channels. The application has initialized these
parameters for proper operation of the algorithm and correct
output so careful design consideration should be taken when
modifying these parameters.
The BelaSigna R262 output stage is shown in Figure 11.
The output stage processes two channels although,
depending on the configuration, one or both of the output
signals are available on the output pins. There are four
options for audio outputs from BelaSigna R262 – a digital
microphone (DMIC) interface, a low−impedance output
driver, a stereo single−ended analog output or a mono
differential analog output. All outputs are generated from a
sigma−delta modulator which produces a pulse density
modulated (PDM) output signal and then provides it to the
appropriate output system, based on the system
configuration.
Figure 11. Output Stage
Interpolation
Filter
Output
Driver 0
A_OUT0
A_OUT1
Combiner
DMIC_OUT
From
Application
Channel 0
DAC0
DAC1
From
Application
Channel 1
Digital
Analog
Output Stage Channel 0
Output
Modulator
Interpolation
Filter
Output Stage Channel 1
Output
Modulator
M
U
X
Inversion
Delay,
inversion
and
muxing
OA0
LPF
OA1
LPF
The digital microphone interface provides the PDM
signals directly on a pin (DMIC_OUT), for interfacing with
the DMIC input of external systems. When using this
interface, the EXT_CLK input to BelaSigna R262 must be
given a DMIC_CLK signal and the system clocking must be
set up such that proper synchronization can happen between
the incoming DMIC_CLK and the output data produced by
BelaSigna R262 on its DMIC_OUT pin. Various
DMIC_CLK frequencies are supported through hardware
configuration on the CLOCK_SEL pin, as discussed earlier.
Other frequencies can also be supported under certain
conditions; see the clocking section of this document for



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com