전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPM10 데이터시트(PDF) 26 Page - STMicroelectronics

부품명 STPM10
상세설명  Programmable single-phase energy metering IC with tamper detection
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM10 데이터시트(HTML) 26 Page - STMicroelectronics

Back Button STPM10 Datasheet HTML 22Page - STMicroelectronics STPM10 Datasheet HTML 23Page - STMicroelectronics STPM10 Datasheet HTML 24Page - STMicroelectronics STPM10 Datasheet HTML 25Page - STMicroelectronics STPM10 Datasheet HTML 26Page - STMicroelectronics STPM10 Datasheet HTML 27Page - STMicroelectronics STPM10 Datasheet HTML 28Page - STMicroelectronics STPM10 Datasheet HTML 29Page - STMicroelectronics STPM10 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 51 page
background image
Theory of operation
STPM10
26/51
Doc ID 17728 Rev 3
7.15
Status bits
The STPM10 includes 8 status bits which provide information about the current status of the
meter. The status bits are the following:
All these signal can be read through the SPI interface. See Section 7.15: Status bits for
details on the status bit location in the STPM10 data records.
Table 10.
Status bit description
Bit #
Name
Description
Condition
0
BIL
No-load condition
BIL = 0: No-load condition not detected
BIL = 1: No-load condition detected
1BCF
Σ Δ signals status
BCF = 0:
Σ Δ signals active
BCF = 1: One or both
Σ Δ signals are stacked
2
BFR
Line frequency range
BFR = 0: Line frequency within the 45 Hz - 65 Hz range
BFR = 1: Line frequency out of range
3
BIT
Tamper condition
BIT = 0: Tamper not detected
BIT = 1: Tamper detected
4
MUX
Current channel selection
MUX = 0: Primary current channels selected by the tamper
module
MUX = 1: Secondary current channels selected by the tamper
module
5
LIN
Trend of the line voltage
LIN = 0: Line voltage going from the minimum to the maximum
value. (dv/dt > 0)
LIN = 1: Line voltage going from the maximum to the minimum
value. (dv/dt < 0)
6
PIN
Output pin check
PIN = 0: Output pins are consistent with the data
PIN = 1: Output pins are different with the data, this means an
output pin is forced to 1 or 0
7
HLT
Data validity
HLT = 0: Data records reading are valid.
HLT = 1: Data records are not valid. A reset occurred and a
restart is in progress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com