전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STA309B 데이터시트(PDF) 64 Page - STMicroelectronics

부품명 STA309B
상세설명  Multichannel digital audio processor with FFX짰
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA309B 데이터시트(HTML) 64 Page - STMicroelectronics

Back Button STA309B Datasheet HTML 58Page - STMicroelectronics STA309B Datasheet HTML 59Page - STMicroelectronics STA309B Datasheet HTML 60Page - STMicroelectronics STA309B Datasheet HTML 61Page - STMicroelectronics STA309B Datasheet HTML 62Page - STMicroelectronics STA309B Datasheet HTML 63Page - STMicroelectronics STA309B Datasheet HTML 64Page - STMicroelectronics STA309B Datasheet HTML 65Page - STMicroelectronics STA309B Datasheet HTML 66Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 64 / 66 page
background image
Package information
STA309B
64/66
Doc ID 022570 Rev 2
Figure 11.
VFQFPN-56 (8 x 8 mm) package outline
The axis of each pad must lie simultaneously in both tolerance zones.
(4) - The terminal A1 corner must be identified on the top surface through inked or lasered mark dot.
A distinguishing feature is allowable on the bottom surface of the package, chamfer at die paddle corner to
identify the terminal A1. Exact shape of each corner is optional.
(5) – All dimensions are in mm.
826820



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66