전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STA321MPL 데이터시트(PDF) 38 Page - STMicroelectronics

부품명 STA321MPL
상세설명  Scalable digital microphone processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MPL 데이터시트(HTML) 38 Page - STMicroelectronics

Back Button STA321MPL Datasheet HTML 34Page - STMicroelectronics STA321MPL Datasheet HTML 35Page - STMicroelectronics STA321MPL Datasheet HTML 36Page - STMicroelectronics STA321MPL Datasheet HTML 37Page - STMicroelectronics STA321MPL Datasheet HTML 38Page - STMicroelectronics STA321MPL Datasheet HTML 39Page - STMicroelectronics STA321MPL Datasheet HTML 40Page - STMicroelectronics STA321MPL Datasheet HTML 41Page - STMicroelectronics STA321MPL Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
Registers
STA321MP
38/50
Doc ID 022647 Rev 1
7.2.42
Channel I2S output mapping channels 7 and 8 (0x3A)
Each I2S output channel can receive data from any channel output of the volume block.
Which channel a particular I2S output receives is dependent upon that channel’s CnOM
register bits.
7.2.43
Coefficient address register 1 (0x3B)
7.2.44
Coefficient address register 2 (0x3C)
7.2.45
Coefficient b1 data register, bits 23:16 (0x3D)
D7
D6
D5
D4
D3
D2
D1
D0
C8OM2
C8M1
C8OM0
C7OM2
C7OM1
C7OM0
11
1
110
CnOM[2:0]
Serial output from
000
Channel 1
001
Channel 2
010
Channel 3
011
Channel 4
100
Channel 5
101
Channel 6
110
Channel 7
111
Channel 8
D7
D6
D5
D4
D3
D2
D1
D0
CFA9
CFA8
00
D7
D6
D5
D4
D3
D2
D1
D0
CFA7
CFA6
CFA5
CFA4
CFA3
CFA2
CFA1
CFA0
00
00
00
0
0
D7
D6
D5
D4
D3
D2
D1
D0
C1B23
C1B22
C1B21
C1B20
C1B19
C1B18
C1B17
C1B16
00
00
00
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50