전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST10F272B 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 ST10F272B
상세설명  16-bit MCU with 256 Kbyte Flash memory and 12/20 Kbyte RAM
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272B 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button ST10F272B_12 Datasheet HTML 7Page - STMicroelectronics ST10F272B_12 Datasheet HTML 8Page - STMicroelectronics ST10F272B_12 Datasheet HTML 9Page - STMicroelectronics ST10F272B_12 Datasheet HTML 10Page - STMicroelectronics ST10F272B_12 Datasheet HTML 11Page - STMicroelectronics ST10F272B_12 Datasheet HTML 12Page - STMicroelectronics ST10F272B_12 Datasheet HTML 13Page - STMicroelectronics ST10F272B_12 Datasheet HTML 14Page - STMicroelectronics ST10F272B_12 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 188 page
background image
ST10F272B/ST10F272E
Introduction
Doc ID 11917 Rev 3
11/188
1
Introduction
1.1
Description
The ST10F272B / E device is a STMicroelectronics ST10 family of 16-bit single-chip CMOS
microcontrollers.
The ST10F272B / E combines high CPU performance (up to 20 million instructions per
second) with high peripheral functionality and enhanced I/O capabilities. It also provides on-
chip high-speed single voltage Flash memory, on-chip high-speed RAM, and clock
generation via PLL.
The ST10F272B / E is processed in 0.18mm CMOS technology.The part is supplied with a
single 5 V supply and I/Os work at 5 V.
1.2
Special characteristics
The ST10F272B and ST10F272E devices are derivatives of the STMicroelectronics ST10
family of 16-bit single-chip CMOS microcontrollers.
These two derivatives slightly differ on the available RAM size and Analog Channel Input
number. These points will be highlighted in the corresponding chapters.
For all information that is common to the 2 derivatives, the generic ST10F272 name is used.
The ST10F272 combines high CPU performance (up to 32 million instructions per second)
with high peripheral functionality and enhanced I/O-capabilities. It also provides on-chip
high-speed single voltage Flash memory, on-chip high-speed RAM, and clock generation
via PLL.
ST10F272 is processed in 0.18mm CMOS technology. The MCU core and the logic is
supplied with a 5V to 1.8V on-chip voltage regulator. The part is supplied with a single 5V
supply and I/Os work at 5V.
The device is upward compatible with the ST10F269 device, with the following set of
differences:
Flash control interface is now based on STMicroelectronics third generation of stand-alone
Flash memories (M29F400 series), with an embedded Program/Erase Controller. This
completely frees up the CPU during programming or erasing the Flash.
Only one supply pin (ex DC1 in ST10F269, renamed into V18) on the QFP144 package is
used for decoupling the internally generated 1.8V core logic supply. Do not connect this pin
to 5.0V external supply. Instead, this pin should be connected to a decoupling capacitor
(ceramic type, typical value 10nF, maximum value 100nF).
The AC and DC parameters are modified due to a difference in the maximum CPU
frequency.
A new VDD pin replaces DC2 of ST10F269.
EA pin assumes a new alternate functionality: it is also used to provide a dedicated power
supply (see VSTBY) to maintain biased a portion of the XRAM (16Kbytes) when the main
Power Supply of the device (VDD and consequently the internally generated V18) is turned
off for low power mode, allowing data retention. VSTBY voltage shall be in the range 4.5-5.5
Volt, and a dedicated embedded low power voltage regulator is in charge to provide the 1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com