전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST10F272B 데이터시트(PDF) 13 Page - STMicroelectronics

부품명 ST10F272B
상세설명  16-bit MCU with 256 Kbyte Flash memory and 12/20 Kbyte RAM
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272B 데이터시트(HTML) 13 Page - STMicroelectronics

Back Button ST10F272B_12 Datasheet HTML 9Page - STMicroelectronics ST10F272B_12 Datasheet HTML 10Page - STMicroelectronics ST10F272B_12 Datasheet HTML 11Page - STMicroelectronics ST10F272B_12 Datasheet HTML 12Page - STMicroelectronics ST10F272B_12 Datasheet HTML 13Page - STMicroelectronics ST10F272B_12 Datasheet HTML 14Page - STMicroelectronics ST10F272B_12 Datasheet HTML 15Page - STMicroelectronics ST10F272B_12 Datasheet HTML 16Page - STMicroelectronics ST10F272B_12 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 188 page
background image
ST10F272B/ST10F272E
Introduction
Doc ID 11917 Rev 3
13/188
Clock module, the Power-down consumption is dominated by the consumption of the
oscillator amplifier itself.
A second on-chip oscillator amplifier circuit (32kHz) is implemented for low power modes: it
can be used to provide the reference to the Real Time Clock counter (either in Power Down
or Stand-by mode). Pin XTAL3 and XTAL4 replace a couple of VDD/VSS pins of ST10F269.
Possibility to re-program internal XBUS chip select window characteristics (XRAM2 window)
is added.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More