전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPS30170DJF 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 STPS30170DJF
상세설명  Power Schottky rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30170DJF 데이터시트(HTML) 1 Page - STMicroelectronics

  STPS30170DJF Datasheet HTML 1Page - STMicroelectronics STPS30170DJF Datasheet HTML 2Page - STMicroelectronics STPS30170DJF Datasheet HTML 3Page - STMicroelectronics STPS30170DJF Datasheet HTML 4Page - STMicroelectronics STPS30170DJF Datasheet HTML 5Page - STMicroelectronics STPS30170DJF Datasheet HTML 6Page - STMicroelectronics STPS30170DJF Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
May 2011
Doc ID 16749 Rev 3
1/7
7
STPS30170DJF
Power Schottky rectifier
Features
■ Very small conduction losses
■ Negligible switching losses
■ Extremely fast switching
■ Low thermal resistance
■ Avalanche capability specified
■ ECOPACK®2 compliant component
Description
This Schottky rectifier is designed for switch mode
power supply and high frequency DC to DC
converters.
Packaged in PowerFLAT™, this device is
intended for use in low voltage, high frequency
inverters, free-wheeling and polarity protection
applications.
Its low profile was especially designed to be used
in applications with space-saving constraints.
TM: PowerFLAT is a trademark of STMicroelectronics
Table 1.
Device summary
Symbol
Value
IF(AV)
30 A
VRRM
170 V
Tj (max)
150 °C
VF(typ)
0.65 V
K
A
A
A
K
K
A
PowerFLAT 5x6
STPS30170DJF
www.st.com


유사한 부품 번호 - STPS30170DJF

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STPS30170DJF STMICROELECTRONICS-STPS30170DJF Datasheet
226Kb / 9P
170 V, 30 A power Schottky rectifier
08-Feb-2019
STPS30170DJF-TR STMICROELECTRONICS-STPS30170DJF-TR Datasheet
226Kb / 9P
170 V, 30 A power Schottky rectifier
08-Feb-2019
STPS30170DJF STMICROELECTRONICS-STPS30170DJF_V01 Datasheet
226Kb / 9P
170 V, 30 A power Schottky rectifier
08-Feb-2019
More results

유사한 설명 - STPS30170DJF

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com