전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPS30170DJF 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 STPS30170DJF
상세설명  Power Schottky rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30170DJF 데이터시트(HTML) 3 Page - STMicroelectronics

  STPS30170DJF Datasheet HTML 1Page - STMicroelectronics STPS30170DJF Datasheet HTML 2Page - STMicroelectronics STPS30170DJF Datasheet HTML 3Page - STMicroelectronics STPS30170DJF Datasheet HTML 4Page - STMicroelectronics STPS30170DJF Datasheet HTML 5Page - STMicroelectronics STPS30170DJF Datasheet HTML 6Page - STMicroelectronics STPS30170DJF Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
STPS30170DJF
Characteristics
Doc ID 16749 Rev 3
3/7
Figure 1.
Average forward power dissipation
versus average forward current
Figure 2.
Average forward current versus
ambient temperature (
δ = 0.5)
0
4
8
12
16
20
24
28
32
0
5
10
15
20
25
30
35
40
P
(W)
F(AV)
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
δ = 1
T
δ = t / T
p
t
p
I
(A)
F(AV)
0
5
10
15
20
25
30
35
0
25
50
75
100
125
150
I
(A)
F(AV)
R= R
th(j-a)
th(j-c)
T
(°C)
amb
T
δ = t / T
p
t
p
Figure 3.
Normalized avalanche power
derating versus pulse duration
Figure 4.
Normalized avalanche power
derating versus junction
temperature
0.001
0.01
0.1
0.01
1
0.1
10
100
1000
1
t (µs)
p
P(tp)
P
(1 µs)
ARM
ARM
0
0.2
0.4
0.6
0.8
1
1.2
25
50
75
100
125
150
T (°C)
j
P(Tj)
P
(25 °C)
ARM
ARM
Figure 5.
Non repetitive surge peak forward
current versus overload duration
(maximum values)
Figure 6.
Relative variation of thermal
impedance, junction to case,
versus pulse duration
1.E-02
1.E-01
1.E+00
0
20
40
60
80
100
120
140
160
180
200
1.E-03
I (A)
M
t(s)
T = 25 °C
c
T = 75 °C
c
T = 125 °C
c
I
M
t
δ = 0.5
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Z/R
th(j-c)
th(j-c)
Single pulse
t (s)
p



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com