전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LRIS64K 데이터시트(PDF) 68 Page - STMicroelectronics

부품명 LRIS64K
상세설명  64 Kbit EEPROM tag IC at 13.56 MHz with 64-bit UID and password based on ISO/IEC 15693 and ISO/IEC 18000-3 Mode 1
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS64K 데이터시트(HTML) 68 Page - STMicroelectronics

Back Button LRIS64K Datasheet HTML 64Page - STMicroelectronics LRIS64K Datasheet HTML 65Page - STMicroelectronics LRIS64K Datasheet HTML 66Page - STMicroelectronics LRIS64K Datasheet HTML 67Page - STMicroelectronics LRIS64K Datasheet HTML 68Page - STMicroelectronics LRIS64K Datasheet HTML 69Page - STMicroelectronics LRIS64K Datasheet HTML 70Page - STMicroelectronics LRIS64K Datasheet HTML 71Page - STMicroelectronics LRIS64K Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 100 page
background image
Commands codes
LRIS64K
68/100
Doc ID 15336 Rev 11
Figure 48.
Lock AFI frame exchange between VCD and LRIS64K
VCD
SOF
Lock AFI
request
EOF
LRIS64K
<-t1-> SOF
Lock AFI
response
EOF
Lock sequence when
error
LRIS64K
<--------------- Wt ---------------> SOF
Lock AFI
response
EOF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100