전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LRIS64K 데이터시트(PDF) 98 Page - STMicroelectronics

부품명 LRIS64K
상세설명  64 Kbit EEPROM tag IC at 13.56 MHz with 64-bit UID and password based on ISO/IEC 15693 and ISO/IEC 18000-3 Mode 1
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS64K 데이터시트(HTML) 98 Page - STMicroelectronics

Back Button LRIS64K Datasheet HTML 92Page - STMicroelectronics LRIS64K Datasheet HTML 93Page - STMicroelectronics LRIS64K Datasheet HTML 94Page - STMicroelectronics LRIS64K Datasheet HTML 95Page - STMicroelectronics LRIS64K Datasheet HTML 96Page - STMicroelectronics LRIS64K Datasheet HTML 97Page - STMicroelectronics LRIS64K Datasheet HTML 98Page - STMicroelectronics LRIS64K Datasheet HTML 99Page - STMicroelectronics LRIS64K Datasheet HTML 100Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 98 / 100 page
background image
Application family identifier (AFI)
LRIS64K
98/100
Doc ID 15336 Rev 11
Appendix C
Application family identifier (AFI)
The AFI (application family identifier) represents the type of application targeted by the VCD
and is used to extract from all the LRIS64K present only the LRIS64K meeting the required
application criteria.
It is programmed by the LRIS64K issuer (the purchaser of the LRIS64K). Once locked, it
cannot be modified.
The most significant nibble of the AFI is used to code one specific or all application families,
as defined in Table 99.
The least significant nibble of the AFI is used to code one specific or all application
subfamilies. Subfamily codes different from 0 are proprietary.
Table 99.
AFI coding(1)
1.
X = '1' to 'F', Y = '1' to 'F'
AFI
Most
significant
nibble
AFI
Least
significant
nibble
Meaning
VICCs respond from
Examples / Note
‘0’
‘0’
All families and subfamilies
No applicative preselection
‘X’
'0
'All subfamilies of family X
Wide applicative preselection
'X
'‘Y’
Only the Yth subfamily of family X
‘0’
‘Y’
Proprietary subfamily Y only
‘1
'‘0’, ‘Y’
Transport
Mass transit, bus, airline, etc.
'2
'‘0’, ‘Y’
Financial
IEP, banking, retail, etc.
'3
'‘0’, ‘Y’
Identification
Access control, etc.
'4
'‘0’, ‘Y’
Telecommunication
Public telephony, GSM, etc.
‘5’
‘0’, ‘Y’
Medical
'6
'‘0’, ‘Y’
Multimedia
Internet services, etc.
'7
'‘0’, ‘Y’
Gaming
8
'‘0’, ‘Y’
Data storage
Portable files, etc.
'9
'‘0’, ‘Y’
Item management
'A
'‘0’, ‘Y’
Express parcels
'B
'‘0’, ‘Y’
Postal services
'C
'‘0’, ‘Y’
Airline bags
'D
'‘0’, ‘Y’
RFU
'E
'‘0’, ‘Y’
RFU
‘F’
‘0’, ‘Y’
RFU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100