전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SRI4K 데이터시트(PDF) 24 Page - STMicroelectronics

부품명 SRI4K
상세설명  13.56 MHz short-range contactless memory chip with 4096-bit EEPROM and anticollision functions
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRI4K 데이터시트(HTML) 24 Page - STMicroelectronics

Back Button SRI4K_11 Datasheet HTML 20Page - STMicroelectronics SRI4K_11 Datasheet HTML 21Page - STMicroelectronics SRI4K_11 Datasheet HTML 22Page - STMicroelectronics SRI4K_11 Datasheet HTML 23Page - STMicroelectronics SRI4K_11 Datasheet HTML 24Page - STMicroelectronics SRI4K_11 Datasheet HTML 25Page - STMicroelectronics SRI4K_11 Datasheet HTML 26Page - STMicroelectronics SRI4K_11 Datasheet HTML 27Page - STMicroelectronics SRI4K_11 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
Anticollision
SRI4K
24/46
Doc 11605 Rev 5
7.1
Description of an anticollision sequence
The anticollision sequence is initiated by the Initiate() command which triggers all the SRI4K
devices that are present in the reader field range, and that are in Inventory state. Only
SRI4K devices in Inventory state will respond to the Pcall16() and Slot_marker(SN)
anticollision commands.
A new SRI4K introduced in the field range during the anticollision sequence will not be taken
into account as it will not respond to the Pcall16() or Slot_marker(SN) command (Ready
state). To be considered during the anticollision sequence, it must have received the
Initiate() command and entered the Inventory state.
Table 4 shows the elements of a standard anticollision sequence. (See Figure 22 for an
example.)
After each Slot_marker() command, there may be several, one or no answers from the
SRI4K devices. The reader must handle all the cases and store all the Chip_IDs, correctly
decoded. At the end of the anticollision sequence, after Slot_marker(15), the reader can
start working with one SRI4K by issuing a Select() command containing the desired
Chip_ID. If a collision is detected during the anticollision sequence, the reader has to
Table 4.
Standard anticollision sequence
Step 1
Init:
Send Initiate().
– If no answer is detected, go to step1.
– If only 1 answer is detected, select and access the SRI4K. After accessing the
SRI4K, deselect the tag and go to step1.
– If a collision (many answers) is detected, go to step2.
Step 2
Slot 0
Send Pcall16().
– If no answer or collision is detected, go to step3.
– If 1 answer is detected, store the Chip_ID, Send Select() and go to step3.
Step 3
Slot 1
Send Slot_marker(1).
– If no answer or collision is detected, go to step4.
– If 1 answer is detected, store the Chip_ID, Send Select() and go to step4.
Step 4
Slot 2
Send Slot_marker(2).
– If no answer or collision is detected, go to step5.
– If 1 answer is detected, store the Chip_ID, Send Select() and go to step5.
Step N
Slop N
Send Slot_marker(3 up to 14) ...
– If no answer or collision is detected, go to stepN+1.
– If 1 answer is detected, store the Chip_ID, Send Select() and go to stepN+1.
Step 17
Slot 15
Send Slot_marker(15).
– If no answer or collision is detected, go to step18.
– If 1 answer is detected, store the Chip_ID, Send Select() and go to step18.
Step 18
All the slots have been generated and the Chip_ID values should be stored into
the reader memory. Issue the Select(Chip_ID) command and access each
identified SRI4K one by one. After accessing each SRI4K, switch them into
Deselected or Deactivated state, depending on the application needs.
– If collisions were detected between Step2 and Step17, go to Step2.
– If no collision was detected between Step2 and Step17, go to Step1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com