전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SRI4K 데이터시트(PDF) 25 Page - STMicroelectronics

부품명 SRI4K
상세설명  13.56 MHz short-range contactless memory chip with 4096-bit EEPROM and anticollision functions
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRI4K 데이터시트(HTML) 25 Page - STMicroelectronics

Back Button SRI4K_11 Datasheet HTML 21Page - STMicroelectronics SRI4K_11 Datasheet HTML 22Page - STMicroelectronics SRI4K_11 Datasheet HTML 23Page - STMicroelectronics SRI4K_11 Datasheet HTML 24Page - STMicroelectronics SRI4K_11 Datasheet HTML 25Page - STMicroelectronics SRI4K_11 Datasheet HTML 26Page - STMicroelectronics SRI4K_11 Datasheet HTML 27Page - STMicroelectronics SRI4K_11 Datasheet HTML 28Page - STMicroelectronics SRI4K_11 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
SRI4K
Anticollision
Doc 11605 Rev 5
25/46
generate a new sequence in order to identify all unidentified SRI4K devices in the field. The
anticollision sequence can stop when all SRI4K devices have been identified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46