| 전자부품 데이터시트 검색엔진 |
|
PXS20PB 데이터시트(PDF) 21 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PXS20PB 데이터시트(HTML) 21 Page - Freescale Semiconductor, Inc |
|
21 / 30 page ![]() Features PXS20 Product Brief, Rev. 1 Freescale Semiconductor 21 2.5.29 Serial Peripheral Interface (SPI) The SPI modules provide a synchronous serial interface for communication between the PXS20 and external devices. A SPI module provides these features: • Full duplex, synchronous transfers • Master or slave operation • Programmable master bit rates • Programmable clock polarity and phase • End-of-transmission interrupt flag • Programmable transfer baud rate • Programmable data frames from 4 to 16 bits • As many as 8 chip select lines available, depending on package and pin multiplexing • 4 clock and transfer attributes registers • Chip select strobe available as alternate function on one of the chip select pins for de-glitching • FIFOs for buffering as many as 5 transfers on the transmit and receive side • Queueing operation possible through use of the eDMA • General purpose I/O functionality on pins when not used for SPI 2.5.30 Pulse Width Modulator (PWM) The PWM module contains four PWM channels, each of which is configured to control a single half-bridge power stage. Two modules are included on 257 MAPBGA devices; on the 144 LQFP package, only one module is present. Additionally, four fault input channels are provided per PWM module. This PWM is capable of controlling most motor types, including: • AC induction motors (ACIM) • Permanent Magnet AC motors (PMAC) • Brushless (BLDC) and brush DC motors (BDC) • Switched (SRM) and variable reluctance motors (VRM) • Stepper motors A PWM module implements the following features: • 16 bits of resolution for center, edge aligned, and asymmetrical PWMs • Maximum operating frequency as high as 120 MHz — Clock source not modulated and independent from system clock (generated via secondary FMPLL) • Fine granularity control for enhanced resolution of the PWM period • PWM outputs can operate as complementary pairs or independent channels • Ability to accept signed numbers for PWM generation |