전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PXS20PB 데이터시트(PDF) 2 Page - Freescale Semiconductor, Inc

부품명 PXS20PB
상세설명  32-bit Power Architecture짰 Microcontrollers for Highly Reliable
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXS20PB 데이터시트(HTML) 2 Page - Freescale Semiconductor, Inc

  PXS20PB Datasheet HTML 1Page - Freescale Semiconductor, Inc PXS20PB Datasheet HTML 2Page - Freescale Semiconductor, Inc PXS20PB Datasheet HTML 3Page - Freescale Semiconductor, Inc PXS20PB Datasheet HTML 4Page - Freescale Semiconductor, Inc PXS20PB Datasheet HTML 5Page - Freescale Semiconductor, Inc PXS20PB Datasheet HTML 6Page - Freescale Semiconductor, Inc PXS20PB Datasheet HTML 7Page - Freescale Semiconductor, Inc PXS20PB Datasheet HTML 8Page - Freescale Semiconductor, Inc PXS20PB Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
PXS20 Product Brief, Rev. 1
Application Examples
Freescale Semiconductor
2
system. In order to minimize software overhead and improve operational reliability, all major systems such
as CPU core, DMA controller, interrupt controller, crossbar bus system, memory systems, peripheral
systems, and memory protection unit, include built in redundancy and or robust system monitoring. Lock
Step Redundancy Checking Units are implemented at each output of this Sphere of Replication (SoR).
ECC is available for on-chip RAM and flash memories. A programmable fault collection and control unit
monitors the integrity status of the device and provides flexible safe state control.
The host processor core of the PXS20 is the latest CPU from the e200 family of compatible Power
Architecture® cores. The e200z4d 5-stage pipeline dual issue core provides a very high level of efficiency,
allowing high performance with minimum power consumption.
The peripheral set provides high-end electrical motor control capability with very low CPU intervention,
thanks to the on-chip Cross Triggering Unit (CTU).
This device incorporates high-performance 90 nm embedded flash-memory technology to provide sub-
stantial cost reduction per feature and significant performance improvement.
1
Application Examples
The PXS20 can be used for a variety of safety applications such as:
•
Safety shutdown systems
•
Solar inverters
•
Motor drives
•
Factory automation
•
Aerospace
•
Robotics
2Features
This section describes the features of the PXS20 family.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30