전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RT9166B 데이터시트(PDF) 5 Page - Richtek Technology Corporation

부품명 RT9166B
상세설명  600mA, Ultra-Fast Transient Response Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RICHTEK [Richtek Technology Corporation]
홈페이지  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9166B 데이터시트(HTML) 5 Page - Richtek Technology Corporation

  RT9166B Datasheet HTML 1Page - Richtek Technology Corporation RT9166B Datasheet HTML 2Page - Richtek Technology Corporation RT9166B Datasheet HTML 3Page - Richtek Technology Corporation RT9166B Datasheet HTML 4Page - Richtek Technology Corporation RT9166B Datasheet HTML 5Page - Richtek Technology Corporation RT9166B Datasheet HTML 6Page - Richtek Technology Corporation RT9166B Datasheet HTML 7Page - Richtek Technology Corporation RT9166B Datasheet HTML 8Page - Richtek Technology Corporation RT9166B Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
DS9166B-01 April 2011
www.richtek.com
RT9166B
Typical Operating Characteristics
Output Voltage vs. Input Voltage
1.15
1.16
1.17
1.18
1.19
1.20
1.21
1.22
1.23
1.24
1.25
2.8
3.1
3.4
3.7
4.0
4.3
4.6
4.9
5.2
5.5
Input Voltage (V)
IOUT = 0A
Quiescent Current vs. Temperature
150
160
170
180
190
200
210
220
230
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 3.3V, VOUT = 1.2V, IOUT = 0A
Current Limit vs. Temperature
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 3.3V, VOUT = 1.2V
Current Limit vs. Input Voltage
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
2.8
3.1
3.4
3.7
4.0
4.3
4.6
4.9
5.2
5.5
Input Voltage (V)
VOUT = 1.2V
Quiescent Current vs. Input Voltage
150
160
170
180
190
200
210
220
230
2.8
3.1
3.4
3.7
4.0
4.3
4.6
4.9
5.2
5.5
Input Voltage (V)
VOUT = 1.2V, IOUT = 0A
Output Voltage vs. Temperature
1.15
1.16
1.17
1.18
1.19
1.20
1.21
1.22
1.23
1.24
1.25
-50
-25
0
255075
100
125
Temperature (°C)
VIN = 3.3V, IOUT = 0A



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com