전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RT9166B 데이터시트(PDF) 6 Page - Richtek Technology Corporation

부품명 RT9166B
상세설명  600mA, Ultra-Fast Transient Response Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RICHTEK [Richtek Technology Corporation]
홈페이지  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9166B 데이터시트(HTML) 6 Page - Richtek Technology Corporation

  RT9166B Datasheet HTML 1Page - Richtek Technology Corporation RT9166B Datasheet HTML 2Page - Richtek Technology Corporation RT9166B Datasheet HTML 3Page - Richtek Technology Corporation RT9166B Datasheet HTML 4Page - Richtek Technology Corporation RT9166B Datasheet HTML 5Page - Richtek Technology Corporation RT9166B Datasheet HTML 6Page - Richtek Technology Corporation RT9166B Datasheet HTML 7Page - Richtek Technology Corporation RT9166B Datasheet HTML 8Page - Richtek Technology Corporation RT9166B Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
DS9166B-01 April 2011
www.richtek.com
RT9166B
PSRR
-80.00
-70.00
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
10
100
1000
10000
100000
1000000
Frequency (kHz)
IOUT = 0A
IOUT = 300mA
VIN = 3V + 0.1VAC, VOUT = 1.2V
CIN = 1
μF/X7R, COUT = 3.3μF
0.01
0.1
1
10
100
1000
Line Transient Response
Time (50
μs/Div)
VIN
(1V/Div)
VOUT
(5mV/Div)
VIN = 3V to 4V, VOUT = 1.2V, IOUT = 300mA
Load Transient Response
Time (250
μs/Div)
VOUT
(20mV/Div)
IOUT
(500mA/Div)
VIN = 3.3V, VOUT = 1.2V, IOUT = 0A to 600mA
Load Transient Response
Time (250
μs/Div)
VIN = 3.3V, VOUT = 1.2V, IOUT = 0A to 300mA
VOUT
(20mV/Div)
IOUT
(500mA/Div)
Power Off from VIN
Time (2.5ms/Div)
VIN = 3.3V, VOUT = 1.2V, IOUT = 600mA
VIN
(2V/Div)
VOUT
(0.5V/Div)
IIN
(0.5A/Div)
IOUT
(0.5A/Div)
Power On from VIN
Time (2.5ms/Div)
VIN = 3.3V, VOUT = 1.2V, IOUT = 600mA
VIN
(2V/Div)
VOUT
(0.5V/Div)
IIN
(0.5A/Div)
IOUT
(0.5A/Div)



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com