| 전자부품 데이터시트 검색엔진 |
|
AWHW60G-0202-T-R 데이터시트(PDF) 11 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AWHW60G-0202-T-R 데이터시트(HTML) 11 Page - Texas Instruments |
|
11 / 35 page ![]() www.ti.com Starter System Setup Figure 9 illustrates how to connect the Multi-Cal-Interface cable to the Multi-Cal-Master PCA card. It is important to make sure that the connector is not angled or crooked, and that the screws are fully tightened. Improperly seated connectors are a common cause of intermittent unit failure. Figure 9. Connect Multi-Cal-Interface Cable to Multi-Cal-Master PCA Card Figure 10 shows how the Multi-Cal-Interface cable connects to the Multi-Cal-Interface PCA. Again, it is important to make sure that the connector is not misaligned or crooked, and that the screws are fully tightened. Improperly seated connectors are a common cause of intermittent device failure. Make sure that you connect J1 of the Multi-Cal-Master PCA card to P1 of the Multi-Cal-Interface PCA card. When this step is complete, repeat the process for the other connector (J0 and P0). It is a good idea to attach labels to the cable connectors to indicate which connector it is associated with. Figure 10. Connect Multi-Cal-Interface Cable to Multi-Cal-Interface PCA Card 11 SBOU087A – August 2010 – Revised April 2011 Multi-Cal-System Evaluation Module Submit Documentation Feedback Copyright © 2010–2011, Texas Instruments Incorporated |