전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

22017 데이터시트(PDF) 41 Page - ITT Industries

부품명 22017
상세설명  Cannon Rack & Panel Connectors
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ITT [ITT Industries]
홈페이지  http://www.ittcannon.com
Logo ITT - ITT Industries

22017 데이터시트(HTML) 41 Page - ITT Industries

Back Button 22017 Datasheet HTML 37Page - ITT Industries 22017 Datasheet HTML 38Page - ITT Industries 22017 Datasheet HTML 39Page - ITT Industries 22017 Datasheet HTML 40Page - ITT Industries 22017 Datasheet HTML 41Page - ITT Industries 22017 Datasheet HTML 42Page - ITT Industries 22017 Datasheet HTML 43Page - ITT Industries 22017 Datasheet HTML 44Page - ITT Industries 22017 Datasheet HTML 45Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 120 page
background image
1.281
(32.54)
1.375
(34.93)
.781
(19.84)
CABLE
ENTRY
(DPXA ONLY)
DIECAST STRAIGHT JUNCTION SHELL
(DPXA ONLY)
DIECAST STRAIGHT JUNCTION SHELL (LONG)
1.156
(29.36)
1.875 +_ .031
(47.63 +_ 0.79)
1.281 (32.54)
1.156
(29.36)
CLINCH
NUTS
.484 (12.29)
1.062 (26.98)
1.156 (29.36)
2.312
(58.72)
2.468 (62.69)
2.500
(63.50)
1.157 (29.39)
1.282
(32.56)
1.782 (45.26)
1.938 APPROX.
(49.23)
.837 (21.26)
CABLE ENTRY
1.906 (48.41)
CABLE ENTRY
.932
(23.67)
1.406
(35.71)
1.281
(32.54)
3.406 (86.51)
2.843 (72.21)
CABLE ENTRY
.812
(20.62)
1.906
(48.41)
1.406 (35.71)
1.281
(32.54)
.187 R. TYP.
(4.75)
.125 R. TYP.
(3.18)
Part Number
22017-2
Part Number
22017-1
Style
DPXA
Style
DPXA
Style
DPXA
DPX2
Part Number
20745-21
20745-8
Style
DPX2
Part Number
20745-12
.406 APPROX.
(10.31)
2.312
(58.72)
2.406 (61.11)
1.843 (46.81)
1.406 (35.71)
1.281 (32.54)
1.906
(48.41)
.937
(23.80)
.187 R. TYP.
(4.75)
.125 R. TYP.
(3.18)
1.781
(45.24)
2.437
(61.90)
APPROX.
Style
(Right) DPXA
(Left) DPXA
(Right) DPX2
(Left) DPX2
Part Number
20745-22
20745-23
20745-10
20745-11
Part Number
22017
Style
DPXA
90 Angle
90 Angle DPX2
Junction Shell (Side Outlet)
(DPXA ONLY)
DIECAST 90 ANGLE JUNCTION SHELL
STRAIGHT JUNCTION SHELL
* DPX2 Junction Shells are also used on DPXB connectors.
Diecast junction shells may be used on DPXA connectors. They have 4-40 NC-2B tapped mounting holes for
attaching to the shell mounting hardware.
Conductive
DPXB-60-1 for 34 Shell
Conductive Dust Caps
025-0767-001
Protech Against
Static Electricity
Conductive
DPXA-59 for 33 Shell
025-0749-001
MIL-C-81659
DPXNA/DPXNE Accessories
Junction Shells
41
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
Dust Caps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More