전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1MD03008 데이터시트(PDF) 3 Page - RMT Ltd.

부품명 1MD03008
상세설명  1MD03 thermoelectric coolers are specially developed for cooled TOSA applications with strict operating current limits and low power consumption
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RMT [RMT Ltd.]
홈페이지  http://www.rmtltd.ru
Logo RMT - RMT Ltd.

1MD03008 데이터시트(HTML) 3 Page - RMT Ltd.

  1MD03008 Datasheet HTML 1Page - RMT Ltd. 1MD03008 Datasheet HTML 2Page - RMT Ltd. 1MD03008 Datasheet HTML 3Page - RMT Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
53 Leninskij prosp. Moscow 119991 Russia, ph: +7-499-132-6817, fax: +7-499-783-3664, web: www.rmtltd.ru
Copyright 2011. RMT Ltd. The design and specifications of products can be changed by RMT Ltd without notice.
Page 3 of 3
Thermoelectric Module Datasheet
RMT Ltd
Application Tips
1. Never heat TE module more than 200˚C (TEC
assembled at 230˚C).
2. Never use TE module without attached heat sink
at hot (bottom) side.
3. Connect TE module to DC power supply
according to polarity.
4. Do not apply DC current higher than Imax.
Installation
1. Mechanical Mounting. TEC is placed between two heat exchangers . This construction is fixed by screws or
in another mechanical way. It is suitable for large modules (with dimensions 30x30mm and larger). Miniature
types require other assembling methods in most cases.
2. Soldering. This method is suitable for a TE module with metallized outside surfaces. RMT provides this
option and also makes pre-tinning for TE modules.
3. Glueing. It is an up-to-date method that is used by many customers due to availability of glues with good
thermoconductive properties. A glue is usually based on some epoxy compound filled with some
thermoconductive material such as graphite or diamond powders, silver, SiN and others. The application of
a specific type depends on application features and the type of a TE module.
1
2
3
Object being cooled
Object being cooled
Heatsink
Heatsink
TEC
TEC
Soldering
Gluing
Screw mounting
Additional Options
TEC Polarity
WB Posts or Pads
Customized Au Patterns
TEC Polarity can be changed for free by request. The
specified in this datasheet polarity is typical.
It can be reversed without charge in accordance to
Customer application requirements.
WB pads or WB posts solutions are available. WB
pads (no posts) are provided as standard. WB Posts
solution is provided in accordance to Customer’s
demands and depending of TEC height.
Customized Au patterns solution on TEC cold side
ceramics is available. Selective Pre-tinning solution is
available. Please, contact us for additional
information about customized Au patterns
requirements.
WB Posts
WB Pads
Pre-tinning
Au Pattern
+
-
+
-



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com