전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1MD03008 데이터시트(PDF) 1 Page - RMT Ltd.

부품명 1MD03008
상세설명  1MD03 thermoelectric coolers are specially developed for cooled TOSA applications with strict operating current limits and low power consumption
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RMT [RMT Ltd.]
홈페이지  http://www.rmtltd.ru
Logo RMT - RMT Ltd.

1MD03008 데이터시트(HTML) 1 Page - RMT Ltd.

  1MD03008 Datasheet HTML 1Page - RMT Ltd. 1MD03008 Datasheet HTML 2Page - RMT Ltd. 1MD03008 Datasheet HTML 3Page - RMT Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
53 Leninskij prosp. Moscow 119991 Russia, ph: +7-499-132-6817, fax: +7-499-783-3664, web: www.rmtltd.ru
Copyright 2011. RMT Ltd. The design and specifications of products can be changed by RMT Ltd without notice.
Page 1 of 3
A. TEC Assembly:
Solder SnSb (Tmelt=230°C)
B. Ceramics:
1.Pure Al2O3(100%)
2.Alumina (Al2O3- 96%)
3.Aluminum Nitride (AlN)
100% Al2O3 used be default
Options available
Performance Parameters
Technical Drawing
Thermoelectric Module Datasheet
RMT Ltd
1MD03-008-XX
Performance specified at 300K, vacuum
C. Ceramics Surface Options
1. Blank ceramics
2. Metallized:
2.1 Ni / Sn(Bi)
2.2 Gold plating
3. Metallized and pre-tinned:
3.1 Solder 94 (PbSnBi, Tmelt=94°C)
3.2 Solder 117 (In-Sn, Tmelt=117°C)
3.3 Solder 138 (Sn-Bi, Tmelt=138°C)
3.4 Solder 183 (Pb-Sn, Tmelt=183°C)
D. Thermistor (optional)
Can be mounted to cold side
ceramics edge. Calibration
is available.
E. Terminal contacts
1. Au plated WB pads
2. Au plated WB posts
3. Pre-tinned Copper wires
4. Insulated Wires
Type
ΔTmax
K
Qmax
W
Imax
A
Umax
V
AC R
Ohm
H
mm
1MD03-008-xx (N=8)
1MD03-008-xx (N=8)
1MD03-008-xx (N=8)
1MD03-008-xx (N=8)
1MD03-008-xx (N=8)
1MD03-008-xx (N=8)
1MD03-008-xx (N=8)
1MD03-008-04
71
0.6
1.1
1.0
0.7
0.9
1MD03-008-05
72
0.5
0.9
1.0
0.9
1.1


유사한 부품 번호 - 1MD03008

제조업체부품명데이터시트상세설명
logo
RMT Ltd.
1MD03008 RMT-1MD03008_1 Datasheet
1Mb / 8P
Blank ceramics (not metallized)
More results

유사한 설명 - 1MD03008

제조업체부품명데이터시트상세설명
logo
RMT Ltd.
1MD06031 RMT-1MD06031 Datasheet
356Kb / 4P
1MD03 thermoelectric coolers are specially developed for cooled TOSA applications with strict operating current limits and low power consumption.
1MD06023 RMT-1MD06023 Datasheet
363Kb / 4P
1MD03 thermoelectric coolers are specially developed for cooled TOSA applications with strict operating current limits and low power consumption.
1MD06007 RMT-1MD06007 Datasheet
363Kb / 4P
1MD03 thermoelectric coolers are specially developed for cooled TOSA applications with strict operating current limits and low power consumption.
1MD04024 RMT-1MD04024 Datasheet
550Kb / 4P
1MD03 thermoelectric coolers are specially developed for cooled TOSA applications with strict operating current limits and low power consumption.
1MD04015 RMT-1MD04015 Datasheet
545Kb / 5P
1MD03 thermoelectric coolers are specially developed for cooled TOSA applications with strict operating current limits and low power consumption.
1MD04010 RMT-1MD04010 Datasheet
549Kb / 5P
1MD03 thermoelectric coolers are specially developed for cooled TOSA applications with strict operating current limits and low power consumption.
1MD04005 RMT-1MD04005 Datasheet
526Kb / 5P
1MD03 thermoelectric coolers are specially developed for cooled TOSA applications with strict operating current limits and low power consumption.
1MD03024 RMT-1MD03024 Datasheet
387Kb / 3P
1MD03 thermoelectric coolers are specially developed for cooled TOSA applications with strict operating current limits and low power consumption
1MD03009 RMT-1MD03009 Datasheet
374Kb / 3P
1MD03 thermoelectric coolers are specially developed for cooled TOSA applications with strict operating current limits and low power consumption
1MD03004 RMT-1MD03004 Datasheet
438Kb / 3P
1MD03 thermoelectric coolers are specially developed for cooled TOSA applications with strict operating current limits and low power consumption
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com