전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MFPROT_LP 데이터시트(PDF) 23 Page - rfsolutions.ltd

부품명 MFPROT_LP
상세설명  Micro RWD MF Mifare Low Power Version
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RFSOLUTIONS [rfsolutions.ltd]
홈페이지  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

MFPROT_LP 데이터시트(HTML) 23 Page - rfsolutions.ltd

Back Button MFPROT_LP Datasheet HTML 19Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 20Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 21Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 22Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 23Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 24Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 25Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 26Page - rfsolutions.ltd MFPROT_LP Datasheet HTML 27Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
ib technology
23
In this manner the user can select to use the UID (serial number) or user programmed
information within a memory block as the base data for the Wiegand output. The complete
data frame is output whenever the tag is within the RWD’s antenna field and the tag has been
validated. This output is independent of the normal TTL serial interface which responds to
received commands and replies with the data as requested.
The physical Wiegand protocol is asynchronously transmitted as low going 50 µS pulses on
the appropriate DATA low or DATA high pins. These pulses are separated by 2mS periods.
The Wiegand sequence is output a single time whenever a valid tag enters the RF field for the
first time. (NO Wiegand output if AUX OUTPUT parameter is ZERO/OFF).
Wiegand Protocol Timing Diagram
TTL level
5v
0v
5v
0v
DATA High
DATA Low
50 µS pulse
2mS pulse intervals
DATA
1
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35