전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS5020 데이터시트(PDF) 9 Page - ams AG

부품명 AS5020
상세설명  6-BIT MAGNETIC ANGULAR POSITION ENCODER WITH SERIAL INTERFACE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS5020 데이터시트(HTML) 9 Page - ams AG

Back Button AS5020 Datasheet HTML 3Page - ams AG AS5020 Datasheet HTML 4Page - ams AG AS5020 Datasheet HTML 5Page - ams AG AS5020 Datasheet HTML 6Page - ams AG AS5020 Datasheet HTML 7Page - ams AG AS5020 Datasheet HTML 8Page - ams AG AS5020 Datasheet HTML 9Page - ams AG AS5020 Datasheet HTML 10Page - ams AG AS5020 Datasheet HTML 11Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
6-Bit Magnetic Position Encoder –Data Sheet Rev.1.0
AS5020
Rev. n/c
Page 9/11
Feb 2001
Magnet Placement
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
RDisp
Displacement radius of
rotational axis with
reference to pins
Magnet centered on rotational
axis
250
µm
ZDist
Distance between
permanent magnet and
package surface
With reference magnet (depends
on used magnet;)
1
mm
RDisp
RDisp
ZDist
Referenced to pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11