| 전자부품 데이터시트 검색엔진 |
|
AS5020 데이터시트(PDF) 10 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5020 데이터시트(HTML) 10 Page - ams AG |
|
10 / 11 page ![]() 6-Bit Magnetic Position Encoder –Data Sheet Rev.1.0 AS5020 Rev. n/c Page 10/11 Feb 2001 Typical Application Areas Non Contact Rotary Switch: „ 4, 8,16,32 Position Rotary Switch „ n of 64 Position Rotary Switch „ Digital Potentiometer, Dimmer „ Angular Encoding „ Position Control „ Isolated Switching „ Rotation Detection „ and many more Advantages: • No switch contacts • Long mechanical life time • Digital output Similar to Daisy Chain configuration multiple devices can be connected over a serial bus structure. In this configuration the PROG pins can be connected together and allows simultaneous calibration. Figure 6 Front Panel Control Address µµµµC CLK Data IN n 1 2 PD/CS PROG AS5020 CLK DATA PD/CS PROG AS5020 CLK DATA PD/CS PROG AS5020 CLK DATA Parallel Programming Address Decoder Figure 7 Serial Bus Structure For your interest: A demonstration board for the AS5020 is available. The board includes the AS5020, an encoder magnet, Micro-Controller and LED Display to indicate the position. Please ask your local sales office. Further information can be found at our web-page: http://www.amsint.com/products/product/index.html |