전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACT8810 데이터시트(PDF) 28 Page - Active-Semi, Inc

부품명 ACT8810
상세설명  Eight Channel ActivePath Power Management IC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACTIVE-SEMI [Active-Semi, Inc]
홈페이지  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8810 데이터시트(HTML) 28 Page - Active-Semi, Inc

Back Button ACT8810 Datasheet HTML 24Page - Active-Semi, Inc ACT8810 Datasheet HTML 25Page - Active-Semi, Inc ACT8810 Datasheet HTML 26Page - Active-Semi, Inc ACT8810 Datasheet HTML 27Page - Active-Semi, Inc ACT8810 Datasheet HTML 28Page - Active-Semi, Inc ACT8810 Datasheet HTML 29Page - Active-Semi, Inc ACT8810 Datasheet HTML 30Page - Active-Semi, Inc ACT8810 Datasheet HTML 31Page - Active-Semi, Inc ACT8810 Datasheet HTML 32Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 53 page
background image
STEP-DOWN DC/DC CONVERTERS
ACT8810
Rev 9, 15-Nov-12
Innovative Power
TM
- 28 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
FUNCTIONAL DESCRIPTION
General Description
REG1, REG2, and REG3 are fixed-frequency,
current-mode,
synchronous
PWM
step-down
converters that are capable of supplying up to 1.3A,
1.0A, and 0.55A of output current, respectively.
These regulators operate with a fixed frequency of
1.6MHz, minimizing noise in sensitive applications
and allowing the use of small external components,
and achieve peak efficiencies of up to 97%.
Each step-down DC/DC is available with a variety of
standard and custom output voltages, which may be
software-controlled by systems requiring advanced
power management functions, via the I2C interface.
Buck Regulator PFM/PWM Operating
Modes
The buck converters offer PFM/PWM operating
modes to maximize efficiency under both light and
full load conditions. The device will automatically
transition from fixed frequency PWM mode to PFM
mode when the output current is approximately
100mA. In PFM mode, the device maintains output
voltage regulation by adjusting the switching
frequency. The device transitions into fixed
frequency PWM mode when the output current
reaches approximately 100mA.
100% Duty Cycle Operation
REG1, REG2 and REG3 are each capable of
operating at up to 100% duty cycle. During 100%
duty-cycle operation, the high-side power MOSFET
is held on continuously, providing a direct
connection from the input to the output (through the
inductor), ensuring the lowest possible dropout
voltage in battery powered applications.
Synchronous Rectification
REG1, REG2 and REG3 each feature integrated
channel
synchronous
rectifiers,
maximizing
efficiency and minimizing the total solution size and
cost by eliminating the need for external rectifiers.
Enabling and Disabling REG1, REG2
and REG3
REG1, REG2, and REG3 are typically enabled and
disabled
using
the
ACT8810's
closed-loop
enable/disable control scheme, including the nPBIN
input. Refer to the System Startup and Shutdown
section for more information about this function.
Each regulator is enabled when the following
conditions are met:
1) ONx is asserted high to enable REGx,
2) REGx/ONx[ ] is set to 1 when ONx is high
In addition REG1, REG2, or REG3 may be enabled
when nPBIN is pushed low via 100kΩ resistance. It
depends on sequence is set. See the Control
Sequence
section for more information.
When none of these conditions are true, REG1,
REG2 and REG3 are disabled, and each regulator’s
quiescent supply current drops to less than 1μA.
Power-OK
REG1, REG2 and REG3 each feature a variety of
status bits that can be read by the system
microprocessor. If any output falls below its power-
OK threshold, typically 6% below the programmed
regulation voltage, REGx/OK[ ] is cleared to 0.
Soft-Start
REG1, REG2 and REG3 each include matched
soft-start circuitry. When enabled, the output
voltages track the internal 80μs soft-start ramp and
both power up in a monotonic manner that is
independent of loading on either output. This
circuitry ensures that each output powers up in a
controlled
manner,
greatly
simplifying
power
sequencing design considerations.
Compensation
REG1, REG2 and REG3 utilize current-mode control
and a proprietary internal compensation scheme to
simultaneously simplify external component selection
and optimize transient performance over their full
operating range. No compensation design is required;
simply follow a few simple guide lines described
below when choosing external components.
Input Capacitor Selection
The input capacitor reduces peak currents and
noise induced upon the voltage source. A 4.7μF
ceramic capacitor for each of REG1, REG2 and
REG3 is recommended for most applications.
Output Capacitor Selection
For most applications, 22μF ceramic output
capacitors are recommended for REG1 and 10μF
ceramic output capacitors are recommended for
REG2, REG3. Although the these regulators were
designed to take advantage of the benefits of
ceramic capacitors, namely small size and very-low
ESR, low-ESR tantalum capacitors can provide
acceptable results as well.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com