전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACT8810 데이터시트(PDF) 48 Page - Active-Semi, Inc

부품명 ACT8810
상세설명  Eight Channel ActivePath Power Management IC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACTIVE-SEMI [Active-Semi, Inc]
홈페이지  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8810 데이터시트(HTML) 48 Page - Active-Semi, Inc

Back Button ACT8810 Datasheet HTML 44Page - Active-Semi, Inc ACT8810 Datasheet HTML 45Page - Active-Semi, Inc ACT8810 Datasheet HTML 46Page - Active-Semi, Inc ACT8810 Datasheet HTML 47Page - Active-Semi, Inc ACT8810 Datasheet HTML 48Page - Active-Semi, Inc ACT8810 Datasheet HTML 49Page - Active-Semi, Inc ACT8810 Datasheet HTML 50Page - Active-Semi, Inc ACT8810 Datasheet HTML 51Page - Active-Semi, Inc ACT8810 Datasheet HTML 52Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 53 page
background image
ActivePath
TM CHARGER
ACT8810
Rev 9, 15-Nov-12
Innovative Power
TM
- 48 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
STATE
nSTAT0
nSTAT1
PRECONDITION
ON
ON
FAST-CHARGE,
TOP-OFF
ON
OFF
END-OF-CHARGE
OFF
ON
FAULT, SUSPEND
OFF
OFF
FUNCTIONAL DESCRIPTION CONT’D
about 14°C. Adding the parallel resistance has
allowed us to achieve our desired lower threshold of
0°C with an operating temperature range of 0°C to
45°C, vs. our design target of 0°C to 40°C.
Thermal Regulation
The ACT8810's ActivePath charger features an
internal thermal regulation loop that reduces the
charging current as necessary to ensure that the
die temperature does not rise beyond the thermal
regulation threshold of 110°C. This feature protects
the against excessive junction temperature and
makes
the
device
more
accommodating
to
aggressive thermal designs. Note, however, that
attention to good thermal designs is required to
achieve the fastest possible charge time by
maximizing charge current.
In order to account for the reduced charge current
resulting from operation in thermal regulation mode,
the
charge
timeout
periods
are
extended
proportionally to the reduction in charge current.
Charging Safety Timers
The ACT8810 features a safety timer that is
programmable via an external resistor (RBTR)
connected from BTR to GA. The timeout period is
calculated as show in Figure 14.
If the ACT8810 detects that the charger remains in
precondition for longer than the precondition time
out period (which determined as tCHG/3), the
ACT8810 turns off the charger and generate a
FAULT to ensure prevent charging a bad cell.
Charging Status Indication
The ACT8810 provides two charge-status outputs,
nSTAT0 and nSTAT1, which indicate charge status
as defined in Table 20. nSTAT0 and nSTAT1 are
open-drain outputs with internal 5mA current limits,
which sink current when asserted and are high-Z
otherwise, and are capable of directly driving LEDs
without the need of current-limiting resistors or
other external circuitry. To drive an LED, simply
connect the LED between each pin and an
appropriate supply (typically VSYS). For a logic
level indication, simply connect a resistor from each
output to a appropriate voltage supply.
Table 20:
Charging Status Indication Table
Input Supply Detection
The ACT8810's ActivePath charger is capable of
withstanding voltages of up to 12V, protecting the
system from fault conditions such as input voltage
transients or application of an incorrect input
supply. Although the ACT8810 can withstand a
wide range of input voltages, valid input voltages for
charging must be greater than the under-voltage
lockout voltage (UVLO) and the over-voltage
protection (OVP) thresholds, as described below.
Under Voltage Lock Output (UVLO)
Whenever the input voltage applied to CHG_IN falls
below 3.0V (typ), an input under-voltage condition is
detected and the charger is disabled. Once an input
under-voltage condition is detected, the input must
exceed the under-voltage threshold by at least
800mV for charging to resume.
Over Voltage Protection (OVP)
If the charger detects that the voltage applied to
CHG_IN exceeds 6.5V (typ), an over-voltage
condition is detected and the charger is disabled.
Once an input over-voltage condition is detected,
the input must fall below the OVP threshold by at
least 350mV for charging to resume.
Reverse Leakage Current
The ACT8810's ActivePath charger includes
internal circuitry that eliminates the need for
blocking diodes, reducing solution size and cost as
well as dropout voltage relative to conventional
battery chargers. When the voltage at CHG_IN falls
below VBAT, the charger automatically reconfigures
its power switch to minimize current drain from the
battery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com