전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ALT6704 데이터시트(PDF) 9 Page - ANADIGICS, Inc

부품명 ALT6704
상세설명  HELP4 UMTS1700 (Band 3,4,9,10) WCDMA/LTE/CDMA Mixed Mode PAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANADIGICS [ANADIGICS, Inc]
홈페이지  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ALT6704 데이터시트(HTML) 9 Page - ANADIGICS, Inc

Back Button ALT6704 Datasheet HTML 4Page - ANADIGICS, Inc ALT6704 Datasheet HTML 5Page - ANADIGICS, Inc ALT6704 Datasheet HTML 6Page - ANADIGICS, Inc ALT6704 Datasheet HTML 7Page - ANADIGICS, Inc ALT6704 Datasheet HTML 8Page - ANADIGICS, Inc ALT6704 Datasheet HTML 9Page - ANADIGICS, Inc ALT6704 Datasheet HTML 10Page - ANADIGICS, Inc ALT6704 Datasheet HTML 11Page - ANADIGICS, Inc ALT6704 Datasheet HTML 12Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Data Sheet - Rev 2.5
03/2012
ALT6704
Figure 10: M45 Package Outline - 10 Pin 3 mm x 3 mm x 1 mm Surface Mount Module
Figure11:BrandingSpecification-M45Package
PACKAGEOUTLINE
6704R
LLLLNN
YYWWCC
Pin 1 Identifier
Country Code(CC)
Part Number
Date Code
YY= Year WW = Work Week
Lot Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com