전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ALT6704 데이터시트(PDF) 1 Page - ANADIGICS, Inc

부품명 ALT6704
상세설명  HELP4 UMTS1700 (Band 3,4,9,10) WCDMA/LTE/CDMA Mixed Mode PAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANADIGICS [ANADIGICS, Inc]
홈페이지  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ALT6704 데이터시트(HTML) 1 Page - ANADIGICS, Inc

  ALT6704 Datasheet HTML 1Page - ANADIGICS, Inc ALT6704 Datasheet HTML 2Page - ANADIGICS, Inc ALT6704 Datasheet HTML 3Page - ANADIGICS, Inc ALT6704 Datasheet HTML 4Page - ANADIGICS, Inc ALT6704 Datasheet HTML 5Page - ANADIGICS, Inc ALT6704 Datasheet HTML 6Page - ANADIGICS, Inc ALT6704 Datasheet HTML 7Page - ANADIGICS, Inc ALT6704 Datasheet HTML 8Page - ANADIGICS, Inc ALT6704 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
03/2012
ALT6704
HELP4TM UMTS1700 (Band 3,4,9,10)
WCDMA/LTE/CDMA Mixed Mode PAM
Data Sheet - Rev 2.5
M45 Package
10 Pin 3 mm x 3 mm x 1 mm
Surface Mount Module
Figure 1: Block Diagram
FEATURES
• Mixed-ModeHSPA,EVDO,LTECompliant
• 4thGenerationHELPTMtechnology
• HighEfficiency(R99waveform):
•39%@POUT=+28.6dBm
•35%@POUT=+17dBm
•22%@POUT=+13.5dBm
•27%@POUT=+9dBm
•13%@POUT=+3.5dBm
• LowQuiescentCurrent:2mA
• LowLeakageCurrentinShutdownMode:
<5 µA
• InternalVoltageRegulator
• Integrated“daisychainable”directionalcoupler
withCPLIN and CPLOUTport.
• InternalDCblocksonIN/OUTRFports
• Optimizedfora50ΩSystem
• 1.8VControlLogic
• RoHSCompliantPackage,260oC MSL-3
APPLICATIONS
• Band3,4,9,10WCDMA/HSPAWireless
Devices
• Band4LTEWirelessDevices
• AWS/KPCSCDMA/EVDOWirelessDevices
PRODUCT DESCRIPTION
The ALT6704 HELP4TMPAisa4thgenerationHELPTM
product for LTE and WCDMA devices operating in
UMTS1700(Band3,4,9,10)andforCDMAdevices
operatinginAWS/KPCSband.ThisPAincorporates
ANADIGICS’ HELP4TM technology to deliver
exceptional efficiency at low power levels and low
quiescentcurrentwithouttheneedforexternalvoltage
regulatorsorconverters.Thedeviceismanufactured
using advanced InGaP-PlusTM HBT technology
offeringstate-of-the-artreliability,temperaturestability,
andruggedness.Threeselectablebiasmodesthat
optimizeefficiencyfordifferentoutputpowerlevelsand
ashutdownmodewithlowleakagecurrentincrease
handset talk and standby time.A “daisy chainable”
directionalcouplerisintegratedinthemodule,thus
eliminating the need of an external coupler. The
self-contained3mmx3mmx1mmsurfacemount
packageincorporatesmatchingnetworksoptimizedfor
outputpower,efficiency,andlinearityina50Ωsystem.
ALT6704
1
2
3
4
5
10
9
8
7
VBATT
RFIN
VMODE2
VMODE1
VEN
CPLOUT
GND
CPLIN
RFOUT
VCC
Bias Control
Voltage Regulation
CPL
GND at Slug (pad)
8
7
6
5
4
3
2
1
10


유사한 부품 번호 - ALT6704

제조업체부품명데이터시트상세설명
logo
ANADIGICS, Inc
ALT6701 ANADIGICS-ALT6701 Datasheet
769Kb / 12P
HELP4 UMTS2100 (Band 1) LTE, WCDMA, CDMA Multimode PAM
ALT6701RM45P9 ANADIGICS-ALT6701RM45P9 Datasheet
769Kb / 12P
HELP4 UMTS2100 (Band 1) LTE, WCDMA, CDMA Multimode PAM
ALT6701RM45Q7 ANADIGICS-ALT6701RM45Q7 Datasheet
769Kb / 12P
HELP4 UMTS2100 (Band 1) LTE, WCDMA, CDMA Multimode PAM
ALT6702 ANADIGICS-ALT6702 Datasheet
794Kb / 12P
HELP4 UMTS PCS (Band 2) LTE/WCDMA/CDMA Multi-Mode PAM
ALT6702RM45P9 ANADIGICS-ALT6702RM45P9 Datasheet
794Kb / 12P
HELP4 UMTS PCS (Band 2) LTE/WCDMA/CDMA Multi-Mode PAM
More results

유사한 설명 - ALT6704

제조업체부품명데이터시트상세설명
logo
ANADIGICS, Inc
ALT6701 ANADIGICS-ALT6701 Datasheet
769Kb / 12P
HELP4 UMTS2100 (Band 1) LTE, WCDMA, CDMA Multimode PAM
ALT6702 ANADIGICS-ALT6702 Datasheet
794Kb / 12P
HELP4 UMTS PCS (Band 2) LTE/WCDMA/CDMA Multi-Mode PAM
ALT6705 ANADIGICS-ALT6705 Datasheet
696Kb / 12P
HELP4 UMTS800 (Bands 5, 6, 18, 19, & 26) LTE, WCDMA, CDMA Multimode PAM
ALT6708 ANADIGICS-ALT6708 Datasheet
691Kb / 11P
HELP4 UMTS900 (Band 8) WCDMA, LTE Linear PAM
ALT6720 ANADIGICS-ALT6720 Datasheet
752Kb / 9P
HELP4 E800 (Band 20) LTE Linear PAM
Rev 2.3
AWT6622 ANADIGICS-AWT6622 Datasheet
648Kb / 11P
HELP4 UMTS1900 (Band 2) CDMA/WCDMA 28.6 dBm Linear PAM
AWT6624 ANADIGICS-AWT6624 Datasheet
645Kb / 11P
Multi-Mode HELP4TM UMTS1700 (Band 49310) WCDMA/CDMA Linear PAM
AWT6625A ANADIGICS-AWT6625A Datasheet
752Kb / 10P
HELP4 UMTS800 (Band 5) WCDMA, CDMA Multimode PAM
AWT6628A ANADIGICS-AWT6628A Datasheet
548Kb / 10P
HELP4 UMTS900 (Band 8) WCDMA Linear PAM
AWT6634 ANADIGICS-AWT6634 Datasheet
845Kb / 14P
HELP3DC UMTS1700 (Band 4 & 9) LTE/WCDMA/CDMA Linear PA Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com