전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ALT6705 데이터시트(PDF) 3 Page - ANADIGICS, Inc

부품명 ALT6705
상세설명  HELP4 UMTS800 (Bands 5, 6, 18, 19, & 26) LTE, WCDMA, CDMA Multimode PAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANADIGICS [ANADIGICS, Inc]
홈페이지  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ALT6705 데이터시트(HTML) 3 Page - ANADIGICS, Inc

  ALT6705 Datasheet HTML 1Page - ANADIGICS, Inc ALT6705 Datasheet HTML 2Page - ANADIGICS, Inc ALT6705 Datasheet HTML 3Page - ANADIGICS, Inc ALT6705 Datasheet HTML 4Page - ANADIGICS, Inc ALT6705 Datasheet HTML 5Page - ANADIGICS, Inc ALT6705 Datasheet HTML 6Page - ANADIGICS, Inc ALT6705 Datasheet HTML 7Page - ANADIGICS, Inc ALT6705 Datasheet HTML 8Page - ANADIGICS, Inc ALT6705 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Data Sheet - Rev 2.5
03/2012
ALT6705
ELECTRICAL CHARACTERISTICS
Table 2: Absolute Minimum and Maximum Ratings
Stresses in excess of the absolute ratings may cause permanent damage.
Functional operation is not implied under these conditions. Exposure
to absolute ratings for extended periods of time may adversely affect
reliability.
Table 3: Operating Ranges
The device may be operated safely over these conditions; however, parametric performance is guaranteed only
overtheconditionsdefinedintheelectricalspecifications.
PARAMETER
MIN
MAX
UNIT
Supply Voltage (VCC)
0
+5
V
Battery Voltage (VBATT)
0
+6
V
Control Voltages (VMODE1, VMODE2, VEN)
0
+3.5
V
RFInputPower(PIN)
-
+10
dBm
Storage Temperature (TSTG)
-40
+150
°C
Notes:
(1) For operation at 3.1 V, POUT is derated by 0.8 dB.
(2) LTE waveform characteristics: up to 15 MHz, QPSK, RB = 16.
(3) For operation at +105 °C, POUT is derated by 1.0 dB.
PARAMETER
MIN
TYP
MAX
UNIT
COMMENTS
OperatingFrequency(f)
814
-
849
MHz
Supply Voltage (VCC)
+3.1
+3.4
+4.35
V
POUT ≤ +28.4 dBm
Enable Voltage (VEN)
+1.35
0
+1.8
-
+3.1
+0.5
V
PA “on”
PA“shutdown”
Mode Control Voltage (VMODE1, VMODE2) +1.35
0
+1.8
-
+3.1
+0.5
V
LowBiasMode
High Bias Mode
WCDMA/UMTSOutputPower(1, 3)
R99, HPM
HSPA (MPR = 0), HPM
LTE(2) (MPR = 0), HPM
R99, MPM
LTE(2) & HSPA (MPR = 0), MPM
R99, LPM
LTE(2) & HSPA (MPR = 0), LPM
27.6
26.6
26.4
-
-
-
-
28.4
27.4
27.2
17.0
16.0
8.0
7.0
-
-
-
-
-
-
-
dBm
3GPP TS 34.121-1, Rel 8
Table C.11.1.3 for WCDMA
SUBTEST 1
TS 36.101 Rel 8 for LTE
CDMAOutputPower(1, 3)
HPM
MPM
LPM
26.9
-
-
27.7
16.0
7.0
-
-
-
dBm
CDMA 2000, RC1
Case Temperature (Tc)
-40
-
+90
8
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com