전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ALT6705 데이터시트(PDF) 4 Page - ANADIGICS, Inc

부품명 ALT6705
상세설명  HELP4 UMTS800 (Bands 5, 6, 18, 19, & 26) LTE, WCDMA, CDMA Multimode PAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANADIGICS [ANADIGICS, Inc]
홈페이지  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ALT6705 데이터시트(HTML) 4 Page - ANADIGICS, Inc

  ALT6705 Datasheet HTML 1Page - ANADIGICS, Inc ALT6705 Datasheet HTML 2Page - ANADIGICS, Inc ALT6705 Datasheet HTML 3Page - ANADIGICS, Inc ALT6705 Datasheet HTML 4Page - ANADIGICS, Inc ALT6705 Datasheet HTML 5Page - ANADIGICS, Inc ALT6705 Datasheet HTML 6Page - ANADIGICS, Inc ALT6705 Datasheet HTML 7Page - ANADIGICS, Inc ALT6705 Datasheet HTML 8Page - ANADIGICS, Inc ALT6705 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Data Sheet - Rev 2.5
03/2012
ALT6705
Notes:
(1) ACLR and Efficiency measured at 832 MHz.
Table4:ElectricalSpecifications-LTEOperation(RB=12,START=0,QPSK)
(TC=+25°C,VBATT =VCC=+3.4V,VEN =+1.8V,50Ω system)
PARAMETER
MIN
TYP
MAX
UNIT
COMMENTS
POUT
VMODE1 VMODE2
Gain
26
16
10
29
19
13.5
32
22
16
dB
POUT=+27.2dBm
POUT = +16 dBm
POUT=+7dBm
0 V
1.8 V
1.8 V
0 V
0 V
1.8 V
ACLR E-UTRA
at  10 MHz offset
-
-
-
-41
-40
-40
-35
-35
-35
dBc
POUT=+27.2dBm
POUT = +16 dBm
POUT=+7dBm
0 V
1.8 V
1.8 V
0 V
0 V
1.8 V
ACLR UTRA
at 7.5MHzoffset
-
-
-
-40
-39
-40
-36
-36
-36
dBc
POUT=+27.2dBm
POUT = +16 dBm
POUT=+7dBm
0 V
1.8 V
1.8 V
0 V
0 V
1.8 V
ACLR UTRA
at  12.5 MHz offset
-
-
-
-60
-58
-57
-40
-40
-40
dBc
POUT=+27.2dBm
POUT = +16 dBm
POUT=+7dBm
0 V
1.8 V
1.8 V
0 V
0 V
1.8 V
Power-AddedEfficiency(1)
31
20
14
36
24
18
-
-
-
%
POUT=+27.2dBm
POUT = +16 dBm
POUT=+7dBm
0 V
1.8 V
1.8 V
0 V
0 V
1.8 V
QuiescentCurrent(Icq)
LowBiasMode
-
3
4.0
mA
through VCC pin
1.8 V
1.8 V
Mode Control Current
-
0.06
0.15
mA
through VMODE pins, VMODE = 1.8 V
Enable Current
-
0.04
0.12
mA
through VEN pin
BATT Current
-
0.7
1.2
mA
through VBATT pin, VMODE1 = +1.8 V,
VMODE2 = +1.8 V
LeakageCurrent
-
<5
10
A
VBATT = +4.35 V, VCC = +4.35 V,
VEN =0 V, VMODE = 0 V,
VMODE1 = 0 V
Noise in Receive Band
-
-134
-
dBm/Hz 869 MHz to 894 MHz
Harmonic
2fo
3fo, 4fo
-
-
-48
-60
-35
-42
dBc
POUT 27.2dBm
CouplingFactor
-
20
-
dB
Directivity
-
20
-
dB
Coupler IN_OUT
Daisy Chain Insertion Loss
-
<0.3
-
dB
698 MHz to 2620 MHz
Pin8-6,ShutdownMode
Spurious Output Level
(all spurious outputs)
-
-
<-70
dBc
POUT <+27.2dBm
In-bandLoadVSWR<5:1
Out-of-bandLoadVSWR<10:1
Applies over all operating conditions
Loadmismatchstresswithno
permanent degradation or failure
8:1
-
-
VSWR Applies over all operating conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com