| 전자부품 데이터시트 검색엔진 |
|
SSL4120 데이터시트(PDF) 1 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SSL4120 데이터시트(HTML) 1 Page - NXP Semiconductors |
|
1 / 48 page ![]() 1. General description The SSL4120 integrates a Power Factor Corrector (PFC) controller and a controller for a Half-Bridge resonant Converter (HBC) in a multi-chip IC. It provides the drive function for the discrete MOSFET in an up-converter and for the two discrete power MOSFETs in a resonant half-bridge configuration. Efficient PFC operation is achieved by implementing functions for Quasi-Resonant (QR) operation at high-power levels and QR with valley skipping at lower power levels. OverCurrent Protection (OCP), OverVoltage Protection (OVP) and demagnetization sensing ensure safe operation under all conditions The HBC module is a high-voltage controller for a zero-voltage switching LLC resonant converter. It contains a high-voltage level shift circuit and several protection circuits including OCP, open-loop protection, capacitive mode protection and a general purpose latched protection input. The high-voltage chip is fabricated using a proprietary high-voltage Bipolar-CMOS-DMOS power logic process enabling efficient direct start-up from the rectified universal mains voltage. The low-voltage Silicon-On-Insulator (SOI) chip is used for accurate, high-speed protection functions and control. The SSL4120 controlled PFC circuit and resonant converter topology is very flexible. It can be used for a broad range of applications over a wide mains voltage range. Combining PFC and HBC controllers in a single IC makes the SSL4120 ideal for controlling compact power supplies in lighting applications, such as LED drivers. Using the SSL4120, highly efficient and reliable power supplies providing over 100 W can be designed easily which use the minimum of external components. Remark: Unless otherwise stated, all values are typical. SSL4120 Resonant power supply controller IC with PFC for LED lighting Rev. 2 — 1 November 2012 Product data sheet |
유사한 부품 번호 - SSL4120 |
|
유사한 설명 - SSL4120 |