전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MMA1251 데이터시트(PDF) 3 Page - Freescale Semiconductor, Inc

부품명 MMA1251
상세설명  Low-g Micromachined Accelerometer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA1251 데이터시트(HTML) 3 Page - Freescale Semiconductor, Inc

  MMA1251 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA1251 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA1251 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA1251 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA1251 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA1251 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA1251 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA1251 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA1251 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MMA1251
Sensors
Freescale Semiconductor, Inc.
3
Table 2. Operating Characteristics
(Unless otherwise noted: –40°C
≤ TA ≤ +105°C, 4.75 ≤ VDD ≤ 5.25, Acceleration = 0g, Loaded output.(1))
1. For a loaded output the measurements are observed after an RC filter consisting of a 1 k
Ω resistor and a 0.1 μF capacitor to ground.
Characteristic
Symbol
Min
Typ
Max
Unit
Operating Range(2)
Supply Voltage(3)
Supply Current
Operating Temperature Range
Acceleration Range
2. These limits define the range of operation for which the part will meet specification.
3. Within the supply range of 4.75 and 5.25 volts, the device operates as a fully calibrated linear accelerometer. Beyond these supply limits the
device may operate as a linear device but is not guaranteed to be in calibration.
VDD
IDD
TA
gFS
4.75
1.1
–40
5.00
2.1
5
5.25
3.0
+105
V
mA
°C
g
Output Signal
-1g (TA = 25°C, VDD = 5.0 V)
(4)
-1g
Sensitivity (TA = 25°C, VDD = 5.0 V)
(5)
Sensitivity
Bandwidth Response
Nonlinearity
4. The device can measure both + and – acceleration. With -1g acceleration the output is at mid-supply. For positive acceleration the output
will increase above VDD/2 and for negative acceleration the output will decrease below VDD/2.
5. The device is calibrated at 3g. Sensitivity limits apply to 0 Hz acceleration.
VOFF
VOFF
S
S
f-3dB
NLOUT
2.25
0.4 VDD
380
74
40.0
–1.0
2.5
0.5 VDD
400
80
50
2.75
0.6 VDD
420
86
60.0
+1.0
V
V
mV/g
mV/g/V
Hz
% FSO
Noise
RMS (0.1 Hz – 1.0 kHz)
Spectral Density (RMS, 0.1 Hz – 1.0 KHz)(6)
6. At clock frequency
≅70 kHz.
nRMS
nSD
2.0
700
6.0
mVrms
μg/
Self-Test
Output Response
Input Low
Input High
Input Loading(7)
Response Time(8)
7. The digital input pin has an internal pull-down current source to prevent inadvertent self test initiation due to external board level leakages.
8. Time for the output to reach 90% of its final value after a self-test is initiated.
ΔVST
VIL
VIH
IIN
tST
0.2
VSS
0.7 VDD
–300
0.25
–125
2.0
0.3
0.3 VDD
VDD
–50
25
V/V
V
V
μA
ms
Status(9), (10)
Output Low (Iload = 100 μA)
Output High (Iload = 100 μA)
9. The Status pin output is not valid following power-up until at least one rising edge has been applied to the self-test pin. The Status pin is high
whenever the self-test input is high, as a means to check the connectivity of the self-test and Status pins in the application.
10. The Status pin output latches high if a Low Voltage Detection or Clock Frequency failure occurs, or the EPROM parity changes to odd. The
Status pin can be reset low if the self-test pin is pulsed with a high input for at least 100
μs, unless a fault condition continues to exist.
VOL
VOH
VDD – 0.8
0.4
V
V
Output Stage Performance
Electrical Saturation Recovery Time(11)
Full Scale Output Range (IOUT = 200 μA)
Capacitive Load Drive(12)
Output Impedance
11. Time for amplifiers to recover after an acceleration signal causes them to saturate.
12. Preserves phase margin (60°) to guarantee output amplifier stability.
tDELAY
VFSO
CL
ZO
VSS + 0.25
50
2.0
VDD – 0.25
100
ms
V
pF
Ω
Mechanical Characteristics
Transverse Sensitivity(13)
13. A measure of the device's ability to reject an acceleration applied 90° from the true axis of sensitivity.
VXZ,YZ
5.0
% FSO
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com